Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47FVB28T-MQ Datasheet(PDF) 94 Page - Microchip Technology

Part # MCP47FVB28T-MQ
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB28T-MQ Datasheet(HTML) 94 Page - Microchip Technology

Back Button MCP47FVB28T-MQ Datasheet HTML 90Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 91Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 92Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 93Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 94Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 95Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 96Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 97Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 124 page
background image
MCP47FXBX4/8
DS20006368A-page 94
 2020 Microchip Technology Inc.
The second Start bit is sent to address the rare
possibility of an erroneous write. This could occur if the
master device was reset while sending a WRITE com-
mand to the MCP47FXBX4/8, and then as the master
device returns to normal operation and issues a Start
condition, while the MCP47FXBX4/8 devices issue an
acknowledge. In this case, if the second Start bit is not
sent (and the Stop bit was sent) the MCP47FXBX4/8
could initiate a write cycle.
The Stop bit terminates the current I2C bus activity. The
MCP47FXBX4/8 waits to detect the next Start
condition.
This sequence does not affect any other I2C devices
which may be on the bus, as they should disregard this
for being an invalid command.
8.2
Power Supply Considerations
The power source should be as clean as possible. The
power supply to the device is also used for the DAC
voltage reference internally if the internal VDD is
selected as the resistor ladder’s reference voltage
(VRnB:VRnA = ‘00’).
Any noise induced on the VDD line can affect the DAC
performance. Typical applications will require a bypass
capacitor in order to filter out high-frequency noise on
the VDD line. The noise can be induced onto the power
supply’s traces or as a result of changes on the DAC out-
put. The bypass capacitor helps to minimize the effect of
these noise sources on signal integrity. Figure 8-3
shows an example of using two bypass capacitors (a
10 µF tantalum capacitor and a 0.1 µF ceramic capaci-
tor) in parallel on the VDD line. These capacitors should
be placed as close to the VDD pin as possible (within
4 mm). If the application circuit has separate digital and
analog power supplies, the VDD and VSS pins of the
device should reside on the analog plane.
When setting the part voltage reference to Band Gap
mode, the use of the VREF pin decoupling capacitors is
not recommended.
FIGURE 8-3:
Circuit Example.
Note:
The potential for this erroneous write
ONLY occurs if the master device is reset
while sending a WRITE command to the
MCP47FEBXX.
Analog
VDD
VDD
SDA
SCL
VSS
VOUT0
R1
R2
To MCU
R1 and R2 are I2C pull-up resistors:
R1 and R2:
=
5k
 - 10 k for fSCL = 100 kHz to 400 kHz
~700
 for fSCL = 3.4 MHz
C1:
0.1 µF capacitor
= Ceramic
C2:
10 µF capacitor
= Tantalum
C3:
~ 0.1 µF
= Optional to reduce noise
in VOUT pin
C4:
0.1 µF capacitor
= Ceramic
C5:
10 µF capacitor
= Tantalum
C6:
0.1 µF capacitor
= Ceramic
C2
C1
Optional
(a) Circuit when VDD is selected as reference.
(Note: VDD is connected to the reference circuit internally.)
(b) Circuit when external reference is used.
Output
VREF
LAT/HVC
VOUTN
CN
C3
Analog
VDD
VDD
SDA
SCL
To MCU
C2
C1
VREF
VREF
R1
R2
Analog
VSS
VOUT0
Optional
Output
LAT/HVC
VOUTN
CN
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com