Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP47FVB28T-MQ Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP47FVB28T-MQ
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB28T-MQ Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP47FVB28T-MQ Datasheet HTML 10Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 11Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 12Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 13Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 14Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 15Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 16Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 17Page - Microchip Technology MCP47FVB28T-MQ Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 124 page
background image
MCP47FXBX4/8
DS20006368A-page 14
 2020 Microchip Technology Inc.
DC CHARACTERISTICS (CONTINUED)
Standard Operating Conditions (unless otherwise specified)
Operating Temperature: -40°C
 TA  +125°C (Extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, VREF= +2.048V to VDD, VSS = 0V, Gx = 0, RL = 5 k from VOUT to GND, CL = 100 pF.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Digital Inputs/Outputs (LAT0, LAT1, HVC)
Schmitt Trigger
High Input Threshold
VIH
0.7 VDD
——
V
2.7V
 VDD  5.5V (allows 2.7V digital
VDD with 5V analog VDD)
0.7 VDD
——
V
1.8V
 VDD  2.7V
Schmitt Trigger
Low Input Threshold
VIL
——
0.3 VDD
V
Hysteresis of Schmitt
Trigger Inputs
VHYS
—0.1 VDD
—V
Input Leakage Current
IIL
-1
—
1
µA
VIN = VDD and VIN = VSS
Pin Capacitance
CIN, COUT
—10
—
pF
fC = 3.4 MHz
Digital Interface (SDA, SCL)
Output Low Voltage
VOL
——
0.4
V
VDD  2.0V, IOL = 3 mA
——
0.2 VDD
VVDD < 2.0V, IOL = 1 mA
Input High Voltage
(SDA and SCL Pins)
VIH
0.7 VDD
——
V
1.8V
 VDD  5.5V
Input Low Voltage
(SDA and SCL Pins)
VIL
——
0.3 VDD
V1.8V
 VDD  5.5V
Input Leakage
ILI
-1
—
1
µA
SCL = SDA = VSS or SCL = SDA =
VDD
Pin Capacitance
CPIN
—10
—
pF
fC = 3.4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com