Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE906 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 30 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 25Page - Texas Instruments CDCE906 Datasheet HTML 26Page - Texas Instruments CDCE906 Datasheet HTML 27Page - Texas Instruments CDCE906 Datasheet HTML 28Page - Texas Instruments CDCE906 Datasheet HTML 29Page - Texas Instruments CDCE906 Datasheet HTML 30Page - Texas Instruments CDCE906 Datasheet HTML 31Page - Texas Instruments CDCE906 Datasheet HTML 32Page - Texas Instruments CDCE906 Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
www.ti.com
• Measured Y1: 48 MHz
• Y0 is 27 MHz (XTAL buffered ,loaded by 50O)
• Y2 is 56.448 MHz (loaded by 50O)
• Y3 is 33.33 MHz (loaded by 50O)
• Y4, Y5 tri−stated
carrier
48MHz
spur at
27MHz&54MHz
2nd harmonic
carrier
48MHz
carrier
48MHz
spurs at
47MHz&49MHz
carrier
48MHz
spurs at
47MHz&49MHz
spur 47MHz and
fundamental at 1MHz
w Measured Y0: 48 MHz
w Y1, Y2, Y3, Y4 & Y5 tri−stated
w Inserted 30mV 1MHz @ Vcc = 3.3V
Phase Noise Characteristic
CDCE906
SCAS814 – NOVEMBER 2005
Figure 25. Noise Coupling and Spur Suppression
Figure 26. Power Supply Noise Rejection
In high-speed communication systems, the phase noise characteristic of the PLL frequency synthesizer is of high
interest. Phase noise describes the stability of the clock signal in the frequency domain, similar to the jitter
specification in the time domain.
Phase noise is a result of random and discrete noise causing a broad slope and spurious peaks. The discrete
spurious components could be caused by known clock frequencies in the signal source, power line interference,
and mixer products. The broadening caused by random noise fluctuation is due to phase noise. It can be the
result of thermal noise, shot noise and/or flicker noise in active and passive devices.
Important factor for PLL synthesizer is the loop bandwidth (–3 dB cut-off frequency) — large LBW results in fast
transient response but have less reference spur attenuation. The LBW of the CDCE906 is about 100 kHz to 150
kHz, dependent on selected PLL parameter.
For the CDCE906, two phase noise characteristics are of interest: The phase noise of the crystal-input stage and
the phase noise of the internal PLL (VCO). The following Figure shows the respective phase noise characteristic.
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com