Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3621 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC3621
Description  Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3621 Datasheet(HTML) 5 Page - Analog Devices

  LTC3621 Datasheet HTML 1Page - Analog Devices LTC3621 Datasheet HTML 2Page - Analog Devices LTC3621 Datasheet HTML 3Page - Analog Devices LTC3621 Datasheet HTML 4Page - Analog Devices LTC3621 Datasheet HTML 5Page - Analog Devices LTC3621 Datasheet HTML 6Page - Analog Devices LTC3621 Datasheet HTML 7Page - Analog Devices LTC3621 Datasheet HTML 8Page - Analog Devices LTC3621 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3644/LTC3644-2
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Line Regulation, No Load
Load Regulation
Oscillator Frequency vs
Temperature
Peak Current Limit vs
Temperature
Reference Voltage vs
Temperature
RDS(ON) vs Input Voltage
TA = 25°C, unless otherwise noted.
PMOS
NMOS
INPUT VOLTAGE (V)
0
2
4
6
8
10 12 14 16 18
0
100
200
300
400
500
3644 G09
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.8
0.9
1.0
1.1
1.2
3644 G10
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.6
1.8
2.0
2.2
2.4
3644 G11
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
597.0
597.5
598.0
598.5
599.0
599.5
600.0
600.5
601.0
601.5
602.0
3644 G12
VOUT = 2.5V
fSW = 1MHz
L = 3.3µH
FORCED CONTINUOUS MODE
INPUT VOLTAGE (V)
0 1 2 3 4 5 6 7 8 9 1011121314151617
–0.5
–0.3
–0.1
0.1
0.3
0.5
3644 G13
VIN = 12V
VOUT = 2.5V
fSW = 1MHz
L = 3.3µH
FORCED CONTINUOUS MODE
LOAD CURRENT (A)
0
0.25
0.50
0.75
1
1.25
–0.50
–0.25
0
0.25
0.50
Load Regulation
3644 G14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com