Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3621 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC3621
Description  Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3621 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC3621 Datasheet HTML 12Page - Analog Devices LTC3621 Datasheet HTML 13Page - Analog Devices LTC3621 Datasheet HTML 14Page - Analog Devices LTC3621 Datasheet HTML 15Page - Analog Devices LTC3621 Datasheet HTML 16Page - Analog Devices LTC3621 Datasheet HTML 17Page - Analog Devices LTC3621 Datasheet HTML 18Page - Analog Devices LTC3621 Datasheet HTML 19Page - Analog Devices LTC3621 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC3644/LTC3644-2
18
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
CIN
22µF
×4
CVCC
4.7µF
CFF1
22pF
COUT1
47µF
CFF2
22pF
COUT2
47µF
CFF3
22pF
COUT3
47µF
×2
R1
619k
R2
137k
R3
619k
R4
309k
R5
619k
R6
84.5k
L1
4.7µH
L2
3.3µH
L3
3.3µH
MODE/SYNC SGND
VIN
12V
LTC3644
VIN1
VIN2
VIN3
VIN4
SVIN
RUN1
RUN2
RUN3
RUN4
PGOOD1
PGOOD2
PGOOD3
PGOOD4
INTVCC
PHASE
FB3
SW1
SW2
SW3
SW4
PGND1
3644 F07
VOUT4
5V AT 2.5A
VOUT1
3.3V AT 1.25A
VOUT2
1.8V AT 1.25A
FB1
FB2
FB4
Figure 7. 2.5A/1.25A/1.25A 1MHz Step-Down Regulator with Common Input Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com