Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3621 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC3621
Description  Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3621 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC3621 Datasheet HTML 11Page - Analog Devices LTC3621 Datasheet HTML 12Page - Analog Devices LTC3621 Datasheet HTML 13Page - Analog Devices LTC3621 Datasheet HTML 14Page - Analog Devices LTC3621 Datasheet HTML 15Page - Analog Devices LTC3621 Datasheet HTML 16Page - Analog Devices LTC3621 Datasheet HTML 17Page - Analog Devices LTC3621 Datasheet HTML 18Page - Analog Devices LTC3621 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC3644/LTC3644-2
15
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Design Example
As a design example, consider using the LTC3644 in an
application with the following specifications:
SVIN = VIN1 = VIN2 = VIN3 = VIN4 = 10.8V to 13.2V
VOUT1 = 5V, VOUT2 = 3.3V, VOUT3 = 2.5V, VOUT4 = 1.8V
ILOAD1(MAX) = ILOAD2(MAX) = 400mA, ILOAD3(MAX) =1 A,
ILOAD4(MAX) = 1.25A
IOUT(MAX) = 1.25A
IOUT(MIN) = 0
fSW = 1MHz
Because efficiency is important at both high and low load
current, Burst Mode operation will be utilized.
To reduce input voltage and current ripple on the common
inputsupply,thePHASEpinistiedtoINTVCCforanti-phase
operation between channels 1,2 and channels 3,4.
Given the internal oscillator of 1MHz, we can calculate the
inductorsvalueforabout40%ripplecurrentatmaximumVIN:
L1
=
5V
1MHz •0.5A
⎛
⎝⎜
⎞
⎠⎟
1
−
5V
13.2V
⎛
⎝⎜
⎞
⎠⎟
= 6.21µH
L2
=
3.3V
1MHz •0.5A
⎛
⎝⎜
⎞
⎠⎟
1
−
3.3V
13.2V
⎛
⎝⎜
⎞
⎠⎟
= 4.95µH
L3
=
2.5V
1MHz •0.5A
⎛
⎝⎜
⎞
⎠⎟
1
−
2.5V
13.2V
⎛
⎝⎜
⎞
⎠⎟
= 4.05µH
L4
=
1.8V
1MHz •0.5A
⎛
⎝⎜
⎞
⎠⎟
1
−
1.8V
13.2V
⎛
⎝⎜
⎞
⎠⎟
= 3.11µH
Using standard values of L1 = 6.8µH, L2 = 4.7µH, L3 =
3.3µH and L4 = 3.3µH for inductors results in maximum
ripple currents of:
ΔIL1=
5V
1MHz •6.8µH
⎛
⎝⎜
⎞
⎠⎟
1
−
5V
13.2V
⎛
⎝⎜
⎞
⎠⎟
= 0.46A
ΔIL2 =
3.3V
1MHz • 4.7µH
⎛
⎝⎜
⎞
⎠⎟
1
−
3.3V
13.2V
⎛
⎝⎜
⎞
⎠⎟
= 0.53A
ΔIL3 =
2.5V
1MHz •3.3µH
⎛
⎝⎜
⎞
⎠⎟
1
−
2.5V
13.2V
⎛
⎝⎜
⎞
⎠⎟
= 0.61A
ΔIL4 =
1.8V
1MHz •3.3µH
⎛
⎝⎜
⎞
⎠⎟
1
−
1.8V
13.2V
⎛
⎝⎜
⎞
⎠⎟
= 0.47A
COUT will be selected based on the ESR that is required
to satisfy the output voltage ripple requirement and the
bulk capacitance needed for loop stability. For this design,
47µF ceramic capacitors will be used.
To prevent large voltage transients, CIN should be sized
based on the maximum RMS current:
IRMS ≅IOUT(MAX)
VOUT
VIN
VIN
VOUT
−1
IRMS1=1.25A
5V
13.2V
⎛
⎝⎜
⎞
⎠⎟
13.2V
5V
−1= 0.606A
IRMS2 =1.25A
3.3V
13.2V
⎛
⎝⎜
⎞
⎠⎟
13.2
3.3V
−1= 0.541A
IRMS3 =1.25A
2.5V
13.2V
⎛
⎝⎜
⎞
⎠⎟
13.2
2.5V
−1= 0.490A
IRMS4 =1.25A
1.8V
13.2V
⎛
⎝⎜
⎞
⎠⎟
13.2
1.8V
−1= 0.429A
IRMS =IRMS1+IRMS2 +IRMS3 +IRMS4 = 2.07A
DecouplingtheVINXpinseachwith22µFceramiccapacitors
is adequate for most applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com