Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM8024
Description  Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 6Page - Analog Devices LTM8024 Datasheet HTML 7Page - Analog Devices LTM8024 Datasheet HTML 8Page - Analog Devices LTM8024 Datasheet HTML 9Page - Analog Devices LTM8024 Datasheet HTML 10Page - Analog Devices LTM8024 Datasheet HTML 11Page - Analog Devices LTM8024 Datasheet HTML 12Page - Analog Devices LTM8024 Datasheet HTML 13Page - Analog Devices LTM8024 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTM8060
10
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
VIN1 (Bank 6): Input power for the channel 1 regulator. The
VIN1 powers the internal control circuitry for channel 1/2
and is monitored by undervoltage lockout circuitry. The
VIN1 voltage must be greater than 3V for either chan-
nel 1/2 of the LTM8060 to operate. Decouple VIN1 to
ground with an external, low ESR capacitor. See Table 1
for recommended values.
VIN2 (Bank 4): Input power for the channel 2 regulator.
Decouple VIN2 to ground with an external, low ESR capaci-
tor. See Table 1 for recommended values.
VIN34 (Bank 5): Input power for the channel 3/4 regulator.
The VIN34 bank powers the internal control circuitry for
both channel 3/4 and is monitored by undervoltage lock-
out circuitry. The VIN34 voltage must be greater than 3V for
either channel 3/4 of the LTM8060 to operate. Decouple
VIN34 to ground with an external, low ESR capacitor. See
Table 1 for recommended values.
GND (Bank 2): Tie these GND pins to a local ground plane
below the LTM8060 and the circuit components. In most
applications, the bulk of the heat flow out of the LTM8060
is through these pads, so the printed circuit design has a
large impact on the thermal performance of the part. See
the PCB Layout and Thermal Considerations sections for
more details. Return the feedback divider (RFB) to this net.
VOUT1/2/3/4 (Banks 8/3/1/7): Power Output for
Channel  1/2/3/4, Respectively. Apply the output filter
capacitor and the output load between these pins and
GND plane.
AUX1/2/3/4 (Pins N10/L10/C2/E2): Low Current Voltage
Source for BIAS. In many designs, the BIAS pin is simply
connected to VOUT by way of the AUX pin. The AUXn pins
are internally connected to VOUTn and placed adjacent
to the BIASn pins to ease printed circuit board routing.
Although these pins are internally connected to VOUT, it
is not intended to deliver a higher current, so do NOT
connect these pins to the load. If thess pins are not tied
to BIAS, leave it floating.
BIAS12/34 (Pins M10/D2): The internal regulator will
draw current from BIASn instead of VIN1 or VIN34 when
BIASn is tied to a voltage higher than 3.2V. For output
voltages of 3.3V and above these pins should be tied to
VOUTn. If these pins are tied to a supply other than VOUTn
use a local bypass capacitor on these pins.
SYNC12/34 (Pins C11/N1): External Clock Synchronization
Input. Ground these pins for low ripple Burst Mode®
operation at low output loads; this will also disable the
CLKOUT function. Apply a DC voltage between 2.8V and
4V for forced continuous mode operation with spread
spectrum modulation. Float the SYNCn pin for forced
continuous mode operation without spread spectrum
modulation. Apply a clock source to the SYNCn pin for
synchronization to an external frequency. The LTM8060
will be in forced continuous mode when an external fre-
quency is applied.
CLKOUT12/34 (Pins C10/N2): Synchronization Output.
When SYNC12/34 > 2.8V, the CLKOUT12/34 pins pro-
vide a waveform about 90 degrees out-of-phase with
Channel 1/3, respectively. This allows synchronization with
other regulators with up to four phases. When an external
clock is applied to the SYNC12/34 pins, the CLKOUT12/34
pins will output a waveform with about the same phase,
duty cycle, and frequency as the SYNC12/34 waveform.
In Burst Mode operation, the CLKOUT12/34 pins will be
internally grounded. Float these pin if the CLKOUT12/34
function is not used. Do not drive these pins.
FB1/2/3/4 (Pins K11/K10/F1/F2): The LTM8060 regulates
the FBn pin to 800mV. Connect the feedback resistor to
this pin to set the output voltage.
RT12/34 (Pins L11/E1): Connect a resistor between RTn
and ground to set the switching frequency. Do not drive
these pins.
RUN1/2/3/4 (Pins E11/D11/L1/M1): The corresponding
channel of the LTM8060 is shutdown when these pins
are low and active when these pins are high. Tie to VINn if
shutdown feature is not used. An external resistor divider
from VINn can be used to program a VINn threshold below
which the corresponding channel of the LTM8060 will
shut down. Do not float these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com