Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 18 Page - Analog Devices

Part # LTM8024
Description  Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 14Page - Analog Devices LTM8024 Datasheet HTML 15Page - Analog Devices LTM8024 Datasheet HTML 16Page - Analog Devices LTM8024 Datasheet HTML 17Page - Analog Devices LTM8024 Datasheet HTML 18Page - Analog Devices LTM8024 Datasheet HTML 19Page - Analog Devices LTM8024 Datasheet HTML 20Page - Analog Devices LTM8024 Datasheet HTML 21Page - Analog Devices LTM8024 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTM8060
18
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Frequency Foldback
The LTM8060 is equipped with frequency foldback which
acts to reduce the thermal and energy stress on the inter-
nal power elements during a short circuit or output over-
load condition. If the LTM8060 detects that the output
has fallen out of regulation, the switching frequency is
reduced as a function of how far the output is below the
target voltage. This in turn limits the amount of energy
that can be delivered to the load under fault. During the
start-up time, frequency foldback is also active to limit
the energy delivered to the potentially large output capaci-
tance of the load. When a clock is applied to the SYNCn
pin, the SYNCn pin is floated or held high, the frequency
foldback is disabled, and the switching frequency will
slow down only during overcurrent conditions.
Synchronization
To select low ripple Burst Mode operation, tie the SYNCn
pin below about 0.8V (this can be ground or a logic low
output). To synchronize the LTM8060 oscillator to an
external frequency, connect a square wave (with about
20% to 80% duty cycle) to the SYNCn pin. The square
wave amplitude should have valleys that are below 0.8V
and peaks above 1.5V.
The LTM8060 may be synchronized over a 200kHz to
3MHz range. The LTM8060 will not enter Burst Mode
operation at light output loads while synchronized to an
external clock. The RT resistor should be chosen to set
the switching frequency equal to or below the lowest
synchronization input. For example, if the synchroniza-
tion signal will be 500kHz and higher, the RT should be
selected for 500kHz or lower.
The LTM8060 features spread spectrum operation to fur-
ther reduce EMI/EMC emissions. To enable spread spec-
trum operation, apply between 2.8V and 4V to the SYNCn
pin. In this mode, triangular frequency modulation is used
to vary the switching frequency between the value pro-
grammed by RT to about 20% higher than that value. The
modulation frequency is about 7kHz. For example, when
the LTM8060 is programmed to 2MHz, the frequency will
vary from 2MHz to 2.4MHz at a 7kHz rate. When spread
spectrum operation is selected, Burst Mode operation is
disabled, and the part may run in discontinuous mode.
Shorted Input Protection
Care needs to be taken in systems where the output is
held high when the input to the LTM8060 is absent. This
may occur in battery charging applications or in battery
backup systems where a battery or some other supply
is diode OR’ed with the LTM8060’s output. If the VINn
pin is allowed to float and the RUN
n pin is held high
(either by a logic signal or because it is tied to VINn),
then the LTM8060’s internal circuitry pulls its quiescent
current through its internal power switch. This is fine if
your system can tolerate a few milliamps in this state.
If you ground the RUN
n pin, the internal current drops
to essentially zero. However, if the VINn pin is grounded
while the output is held high, parasitic diodes inside the
LTM8060 can pull large currents from the output through
the VINn pin. Figure 2 shows a circuit that runs only when
the input voltage is present and that protects against a
shorted or reversed input.
Figure 2. The Input Diode Prevents a Shorted Input from
Discharging a Backup Battery Tied to the Output. It Also Protects
the Circuit from a Reversed Input. The LTM8060 Runs Only
When the Input Is Present.
VIN
RUN
VIN
LTM8060
8060 F02
PCB Layout
Most of the headaches associated with PCB layout have
been alleviated or even eliminated by the high level of
integration of the LTM8060. The LTM8060 is neverthe-
less a switching power supply, and care must be taken to
minimize EMI and ensure proper operation. Even with the
high level of integration, you may fail to achieve specified
operation with a haphazard or poor layout. See Figure 3
for a suggested layout. Ensure that the grounding and
heat sinking are acceptable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com