Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM8024
Description  Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 8Page - Analog Devices LTM8024 Datasheet HTML 9Page - Analog Devices LTM8024 Datasheet HTML 10Page - Analog Devices LTM8024 Datasheet HTML 11Page - Analog Devices LTM8024 Datasheet HTML 12Page - Analog Devices LTM8024 Datasheet HTML 13Page - Analog Devices LTM8024 Datasheet HTML 14Page - Analog Devices LTM8024 Datasheet HTML 15Page - Analog Devices LTM8024 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTM8060
12
Rev. 0
For more information www.analog.com
OPERATION
The LTM8060 is a quad standalone nonisolated step-
down switching DC/DC power supply that can deliver a
peak current of up to 6A per channel. The continuous cur-
rent is determined by the internal operating temperature.
It provides a precisely regulated output voltage program-
mable via one external resistor from 0.8V to 8V. The input
voltage range for VIN1 and VIN34 is 3V to 40V, while the
input voltage range for VIN2 is 2V to 40V.
Given that the LTM8060 is a step-down converter, make
sure that the input voltage is high enough to support the
desired output voltage and load current. See simplified
Block Diagram.
The LTM8060 contains current mode controllers, power
switching elements, power inductors and a modest
amount of input and output capacitance. The LTM8060 is
a fixed frequency PWM regulator. The switching frequency
is set by simply connecting the appropriate resistor value
from the RT
n pin to GND.
Internal regulators provide power to the control circuit-
ries. Bias regulators normally draw power from the VINn
pin, but if the BIAS
n pin is connected to an external volt-
age higher than 3.2V, bias power is drawn from the exter-
nal source (typically the regulated output voltage). This
improves efficiency. Tie BIAS
n to GND if it is not used.
To enhance efficiency, the LTM8060 automatically
switches to Burst Mode operation in light or no load
situations. Between bursts, all circuitry associated with
controlling the output switch is shut down reducing the
input supply current to just a few µA.
The TRSS
n node acts as an auxiliary input to the error
amplifier. The voltage at FB
n servos to the TRSSn voltage
until TRSS
n goes above 0.8V. Soft-start is implemented
by generating a voltage ramp at the TRSS
n pin using an
external capacitor which is charged by an internal 2μA
constant current. Alternatively, driving the TRSS
n pin with
a signal source or resistive network provides a tracking
function. Do not drive the TRSS
n pin with a low imped-
ance voltage source. See the Applications Information
section for more details.
The LTM8060 contains power good comparators which
trip when the FB
n pin is at about ±8% of its regulated
value. The PG
n output is an open-drain transistor that is
off when the output is in regulation, allowing an external
resistor to pull the PG
n pin high.
The LTM8060 is equipped with a thermal shutdown that
inhibits power switching at high junction temperatures.
The activation threshold of this function is above the max-
imum temperature rating to avoid interfering with normal
operation, so prolonged or repetitive operation under a
condition in which the thermal shutdown activates may
damage or impair the reliability of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com