Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVM13630 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13630
Description  TLVM13630 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13630 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLVM13630 Datasheet HTML 9Page - Texas Instruments TLVM13630 Datasheet HTML 10Page - Texas Instruments TLVM13630 Datasheet HTML 11Page - Texas Instruments TLVM13630 Datasheet HTML 12Page - Texas Instruments TLVM13630 Datasheet HTML 13Page - Texas Instruments TLVM13630 Datasheet HTML 14Page - Texas Instruments TLVM13630 Datasheet HTML 15Page - Texas Instruments TLVM13630 Datasheet HTML 16Page - Texas Instruments TLVM13630 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
7 Detailed Description
7.1 Overview
The TLVM13630 is an easy-to-use, synchronous buck, DC-DC power module that operates from a 3-V to 36-V
supply voltage. The device is intended for step-down conversions from 5-V, 12-V, and 24-V supply rails. With
an integrated power controller, inductor, and MOSFETs, the TLVM13630 delivers up to 3-A DC load current with
high efficiency and ultra-low input quiescent current in a very small solution size. Although designed for simple
implementation, this device offers flexibility to optimize its usage according to the target application. Control loop
compensation is not required, reducing design time and external component count.
The TLVM13630 incorporates many features for comprehensive system requirements, including the following:
• Wide, adjustable frequency range from 200 kHz to 2.2 MHz
• An open-drain power-good circuit for power-rail sequencing and fault reporting
• Monotonic start-up into prebiased loads
• Precision enable for programmable line undervoltage lockout (UVLO)
• Thermal shutdown with automatic recovery
These features enable a flexible and easy-to-use platform for a wide range of applications. The pin arrangement
is designed for simple layout, requiring few external components. See Section 10 for more details.
7.2 Functional Block Diagram
PG
PGND
VCC
VOUT
AGND
FB
EN
PGOOD
Logic
+
VREF
Comp
Power
Stage
and
Control
Logic
Shutdown
Logic
OCP
UVLO
Oscillator
Soft
Start
LDO
Enable
Logic
2.2µH
SW
VIN
SYNC
Detect
RT
VLDOIN
OTP
EN
OTP
OCP
UVLO
www.ti.com
TLVM13630
SLVSFT6 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com