Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVM13630 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13630
Description  TLVM13630 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13630 Datasheet(HTML) 2 Page - Texas Instruments

  TLVM13630 Datasheet HTML 1Page - Texas Instruments TLVM13630 Datasheet HTML 2Page - Texas Instruments TLVM13630 Datasheet HTML 3Page - Texas Instruments TLVM13630 Datasheet HTML 4Page - Texas Instruments TLVM13630 Datasheet HTML 5Page - Texas Instruments TLVM13630 Datasheet HTML 6Page - Texas Instruments TLVM13630 Datasheet HTML 7Page - Texas Instruments TLVM13630 Datasheet HTML 8Page - Texas Instruments TLVM13630 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 3
5 Pin Configuration and Functions...................................4
6 Specifications.................................................................. 6
6.1 Absolute Maximum Ratings ....................................... 6
6.2 ESD Ratings .............................................................. 6
6.3 Recommended Operating Conditions ........................7
6.4 Thermal Information ...................................................7
6.5 Electrical Characteristics ............................................8
6.6 Typical Characteristics (VIN = 12 V).......................... 10
6.7 Typical Characteristics (VIN = 24 V).......................... 11
6.8 Typical Characteristics (VIN = 36 V).......................... 12
7 Detailed Description......................................................13
7.1 Overview................................................................... 13
7.2 Functional Block Diagram......................................... 13
7.3 Feature Description...................................................14
7.4 Device Functional Modes..........................................19
8 Applications and Implementation................................ 20
8.1 Application Information............................................. 20
8.2 Typical Applications.................................................. 20
9 Power Supply Recommendations................................23
10 Layout...........................................................................23
10.1 Layout Guidelines................................................... 23
10.2 Layout Example...................................................... 23
11 Device and Documentation Support..........................24
11.1 Device Support........................................................24
11.2 Documentation Support.......................................... 24
11.3 Receiving Notification of Documentation Updates.. 24
11.4 Support Resources................................................. 24
11.5 Trademarks............................................................. 24
11.6 Electrostatic Discharge Caution.............................. 25
11.7 Glossary.................................................................. 25
12 Mechanical, Packaging, and Orderable
Information.................................................................... 25
TLVM13630
SLVSFT6 – MAY 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com