Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVM13630 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13630
Description  TLVM13630 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13630 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLVM13630 Datasheet HTML 17Page - Texas Instruments TLVM13630 Datasheet HTML 18Page - Texas Instruments TLVM13630 Datasheet HTML 19Page - Texas Instruments TLVM13630 Datasheet HTML 20Page - Texas Instruments TLVM13630 Datasheet HTML 21Page - Texas Instruments TLVM13630 Datasheet HTML 22Page - Texas Instruments TLVM13630 Datasheet HTML 23Page - Texas Instruments TLVM13630 Datasheet HTML 24Page - Texas Instruments TLVM13630 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
8.2.2 Detailed Design Procedure
8.2.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the TLVM13630 device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
• Run electrical simulations to see important waveforms and circuit performance.
• Run thermal simulations to understand board thermal performance.
• Export customized schematic and layout into popular CAD formats.
• Print PDF reports for the design, and share the design with colleagues.
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
8.2.2.2 Output Voltage Setpoint
The output voltage of the TLVM13630 device is externally adjustable using a resistor divider. The recommended
value of RFBT is 10 kΩ. Select the value for RFBB from Table 7-1 or calculate using Equation 5:
R
FBB = V
OUT
1.0
1.0
×
R
FBT
(5)
For the desired output voltage of 5 V, the formula yields a value of 2.5 kΩ. Choose the closest available standard
value of 2.49 kΩ for RFBB.
8.2.2.3 Switching Frequency Selection
The recommended switching frequency for standard output voltages can be found in Table 7-1. For a 5-V output,
the recommended switching frequency is 1 MHz. To set the switching frequency to 1 MHz, connect a 13.0-kΩ
resistor between the RT pin and AGND.
8.2.2.4 Input Capacitor Selection
The TLVM13630 requires a minimum input capacitance of 2 × 4.7-µF ceramic type. High-quality ceramic type
capacitors with sufficient voltage and temperature rating are required. The voltage rating of input capacitors must
be greater than the maximum input voltage.
For this design, two 4.7-µF, 50-V, 1210 case size, ceramic capacitors are selected.
8.2.2.5 Output Capacitor Selection
The TLVM13630 requires a minimum of 25 µF of effective output capacitance for proper operation. High-
quality ceramic type capacitors with sufficient voltage and temperature rating are required. Additional output
capacitance can be added to reduce ripple voltage or for applications with transient load requirements.
For this design example, two 47-µF, 10-V, 1210 case size, ceramic capacitors are used, which have a total
effective capacitance of approximately 48 µF at 5 V.
8.2.2.6 Other Connections
VLDOIN is connected to VOUT to improve efficiency.
Place a 1-µF capacitor between the VCC pin and PGND, close to the device.
www.ti.com
TLVM13630
SLVSFT6 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com