Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73VR2102 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 73VR2102
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR2102 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  73VR2102 Datasheet HTML 1Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 2Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 3Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 4Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 5Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 6Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 7Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 8Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MODEL: 73VR21
73VR21 SPECIFICATIONS
ES-7395 Rev.29 Page 4/18
https://www.m-system.co.jp/
Line noise normal mode rejection: ≥ 100 dB
Magnitude of the effects of normal mode 50/60 Hz noise,
with the most appropriate line noise filter frequency setting.
Each input circuit has a CR filter of sufficient large time
constant so that there will be little effect of line noise such
as 500 mV AC superposed on a thermocouple or ±60 mV
input.
Common mode noise rejection
Magnitude of the effects of voltages applied across the
terminal C and the ground terminal when there is no
potential difference among all the C terminals.
DC: N/A
AC, ±3 V, ±6 V, ±12 V: Approx. 86 dB
AC, other ranges: Approx. 120 dB
Common mode noise rejection between channels
Magnitude of the effects of DC/50/60 Hz voltages applied
across the terminals C of the present and the last scanned
channels.
DC, ±3 V, ±6 V, ±12 V: Approx. 100 dB
DC, other ranges: Approx. 120 dB
AC, ±3 V, ±6 V, ±12 V: Approx. 86 dB
AC, other ranges: Approx. 106 dB
STANDARDS & APPROVALS
EU conformity:
(M2 AC power of desktop type does not conform to EU
directive)
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input 1 or 2 or 3 or 4 or 5 or 6 or 7 or 8 or 9 or 10 or 11 or
12 to power to FG or Ethernet: Reinforced insulation (300 V)
RoHS Directive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com