Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73VR2102 Datasheet(PDF) 17 Page - M-System Co.,Ltd.

Part # 73VR2102
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR2102 Datasheet(HTML) 17 Page - M-System Co.,Ltd.

Back Button 73VR2102 Datasheet HTML 10Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 11Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 12Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 13Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 14Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 15Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 16Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 17Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 18Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
MODEL: 73VR21
73VR21 SPECIFICATIONS
ES-7395 Rev.29 Page 17/18
https://www.m-system.co.jp/
• Dedicated Protocol
Real time communication: Transmits specific data to a host
PC installed with the PC Recorder Software (model:
MSR128).
FTP communication: Transmits data stored in the CF Card
using the FTP protocol to a host PC by the 73VR Data Viewer
(model: 73VRWV) installed in it. Data can be transmitted
even during recording.
Download, Upload: Software configurations created on the
73VR21x Configuration Builder (model:73VR21BLD) can be
downloaded to the 73VR21x. The configuration set up on
the 73VR21x can be uploaded and displayed on the
73VR21BLD.
• Modbus Protocol
Protocol: Modbus/TCP
Port No.: 502 (fixed)
IP address: Set on the recorder
Subnet mask: Set on the recorder
Default gateway: Set on the recorder
Max. number of 73VR21x connected simultaneously: 2
Supported Function Codes
CODE NAME
FUNCTION
01
Read Coil Status
Reads DO
02
Read Input Status
Reads DI
04
Read Input Register
Reads Input Register
11
Fetch Communication
Reads Status Word and
Event Counter
Event Counter from
Comm. Event Counter
Exception Response
CODE NAME
FUNCTION
01
Illegal Function
Function Not supported
02
Illegal Data Address
Speci ed address does
not exist
Supported Function Codes
ADDR. TYPE NAME
Coil (0X)
1
Discrete output
Input
1
Trigger input
Status
3
Discrete input (73VR2102)
(1X)
5
Discrete input (73VR2104)
7
Discrete input (73VR2106)
9
Discrete input (73VR2108)
11
Discrete input (73VR2110)
13
Discrete input (73VR2112)
14 – 25
Function data (discrete)
Input
1 – 24
F
Measured data (analog)
Register (3X)
25 – 48
F
Function data (analog)
■ OTHER FUNCTIONS
• Operation Lockout
With a password setting, unauthorized operations on the
Trend View, Bargraph View and Overview can be locked out.
• Data File Used Volume Information
A bargraph with % indication is provided on the screen to
show how much percent of the data file memory has been
used up.
0 – 49 % used: Green bargraph
50 – 79 % used: Amber bargraph
80 – 100 % used: Red bargraph
• Hot Swapping of the CF Card
The CF Card is hot swappable: removable during data
recording. However, there may be a slight disturbance in
storing rate when the card is inserted.
• Screen Saver
The backlight is automatically turned off if the screen is
untouched for a certain time period.
• Bus Error Alert
An alarm is output at Alarm Output Terminal in case of
internal bus error.
• Writing/Reading Setting
The recorder’s present setting can be stored in a USB flash-
memory. Setting stored in the memory can be read in to the
73VR21x.
• Hardware Setting
Burnout, Cold junction compensation, AD conversion mode,
line noise filter
• Field Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com