Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73VR2102 Datasheet(PDF) 16 Page - M-System Co.,Ltd.

Part # 73VR2102
Description  Paperless Recording System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR2102 Datasheet(HTML) 16 Page - M-System Co.,Ltd.

Back Button 73VR2102 Datasheet HTML 10Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 11Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 12Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 13Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 14Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 15Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 16Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 17Page - M-System Co.,Ltd. 73VR2102 Datasheet HTML 18Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MODEL: 73VR21
73VR21 SPECIFICATIONS
ES-7395 Rev.29 Page 16/18
https://www.m-system.co.jp/
alarms are triggered and reset.
Oldest data is overwritten with new data when the number
of records reaches its limit.
Comment history file: Records comments written in trend
views with time index. Oldest data is overwritten with new
data when the number of records reaches 1000 files.
Configuration file: Stores the 73VR21x setting.
File format: Binary
Oldest measured data is overwritten with new data or data
recording is stopped when the card memory is full.
■ ALARM
• Analog Alarm
Alarm setpoints: Max. 4 points per channel
Alarm type: High / Low
Deadband: Set in engineering unit values
Output: 1 point at Alarm Output
Terminal stored information: Date/time of alarm events (trip
and reset), Pen No., Tag Name and Alarm Message
Number of stored alarm events: Depends upon the CF Card
capacity.
128 MB 250 events
256 MB 500 events
512 MB or 1 GB 1000 events
■ CALCULATION FUNCTIONS
Number of channels: 12 channels
Operations
Arithmetic: Addition/subtraction, Multiplication, Division
Logical: AND, OR, NOT, XOR
Mathematical: Square root extractor, Power
Accumulation: Analog accumulation
Filter: Moving average, First order lag
Hold: Peak (maximum) hold (tracking increasing signal),
Peak (minimum) hold (tracking decreasing signal)
F value: F value
Anemoscope (16 directions)
Alarm: Alarm trip can be programmed for calculated results.
■ DATA DISPLAY FUNCTIONS
• Trend View
Chart direction: Perpendicular or horizontal
Number of pens displayed: 2, 4, 6, 8 per view
Number of display views: 4
Chart speed: Chart speed is described as number of pixels
to plot single data sample. (pixel(s)/samples)
4, 1, 1/5, 1/32,
1/160 (not selectable with 100 msec. storing rate),
1/480 (not selectable with 100 msec. storing rate),
1/960 (not selectable with 100 msec. storing rate)
Display rate: 1 second
Pen thickness: Normal and wide
Digital indicator: Shows momentary value.
Alarm indicator: Shows alarm status of the channels
displayed on the screen.
Comment: Shows comments entered manually.
Scale: Linear and square root;
Switchable to the engineering unit scale.
• Bargraph View
Bargraph direction: Perpendicular or horizontal
Number of pens displayed: 2, 4, 6, 8 per view
Number of display views: 4
Display rate: 1 second
Digital indicator: Shows momentary value.
Alarm indicator: Shows alarm status of the channels
displayed on the screen.
Scale: Linear and square root;
Switchable to the engineering unit scale.
• Overview
Number of pens displayed: 2, 4, 6, 8, 16 per view
Number of display views: 13
Display rate: 1 second
Alarm indicator: Shows alarm status and date/time of the
last alarm trip and reset for the channels displayed on the
screen.
• Retrieve View: Shows data stored in the CF Card.
Number of pens displayed: 2, 4, 6, 8 per view
Number of display views: 4
Data search: Scrolling the chart, specifying a specific time
index, or searching by maximum/minimum values.
Long span view: Retrieved data is thinned out so that a
longer time span can be displayed on the chart.
• Alarm History View: Shows data stored in the alarm
history file.
Number of displayed alarm events: 16
Number of display views: 1
Display update: Automatically updated by a new event
Data search: Scrolling the view or specifying a specific time
index.
Jump: Scroll the view to an alarm event to show the relevant
data on Retrieve View.
• Comment History View: Shows data stored in the
comment history file.
Number of displayed alarm events: 16
Number of display views: 1
Data search: Scrolling the view or specifying a specific time
index.
Jump: Scroll the view to a comment to show the relevant
data on Retrieve View.
■ ETHERNET COMMUNICATION
Monitoring data and setup of the 73VR21x is possible on the
PC connected via Ethernet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com