Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRAG2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # XRAG2
Description  UHF, EPCglobal Class-1 Generation-2, Contactless Memory Chip 432 bit with Multi-session Protocol, Anti-collision and Kill functions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 6 Page - STMicroelectronics

  XRAG2 Datasheet HTML 1Page - STMicroelectronics XRAG2 Datasheet HTML 2Page - STMicroelectronics XRAG2 Datasheet HTML 3Page - STMicroelectronics XRAG2 Datasheet HTML 4Page - STMicroelectronics XRAG2 Datasheet HTML 5Page - STMicroelectronics XRAG2 Datasheet HTML 6Page - STMicroelectronics XRAG2 Datasheet HTML 7Page - STMicroelectronics XRAG2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4 Part numbering
XRAG2
6/8
4
Part numbering
Table 4.
Ordering information scheme
Note:
For further information on any aspect of this device, please contact your nearest ST Sales
Office.
Example:
XRAG2
-
W4I
/ XXX
Device Type
XRAG2
Delivery Form
W4I = 180µm ± 15µm Unsawn Inkless Wafer
SBN18I = 180 µm ± 15µm Bumped and Sawn Inkless Wafer on 8 inch frame
Customer Code
XXX = Customer Code, given by STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com