Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRAG2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # XRAG2
Description  UHF, EPCglobal Class-1 Generation-2, Contactless Memory Chip 432 bit with Multi-session Protocol, Anti-collision and Kill functions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 2 Page - STMicroelectronics

  XRAG2 Datasheet HTML 1Page - STMicroelectronics XRAG2 Datasheet HTML 2Page - STMicroelectronics XRAG2 Datasheet HTML 3Page - STMicroelectronics XRAG2 Datasheet HTML 4Page - STMicroelectronics XRAG2 Datasheet HTML 5Page - STMicroelectronics XRAG2 Datasheet HTML 6Page - STMicroelectronics XRAG2 Datasheet HTML 7Page - STMicroelectronics XRAG2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1 Summary description
XRAG2
2/8
1
Summary description
The XRAG2 is a full-featured, low-cost integrated circuit for use in Radio Frequency
Identification (RFID) transponders (tags) operating at UHF frequencies. It is a 432-bit memory
organized in 16-bit Words in 3 or 4 memory banks as shown in Figure 3 and Figure 4.
When connected to an antenna, the operating power is derived from RF energy produced by
the RFID reader. Incoming data are demodulated and decoded from the received Double-Side
Band Amplitude Shift Keying (DSB-ASK), Single-Side Band Amplitude Shift Keying (SSB-ASK)
or Phase-Reversal Amplitude Shift Keying modulation signal. Outgoing data are generated by
antenna reflectivity variations using either the FM0 or Miller bit coding principle (RFID reader
parameter).
A Kill function is provided to permanently disable the tag.
Anti-collision features enable the rapid inventorying of tag populations.
Communication between reader and tag are Half-duplex meaning that tags do not decode
reader commands while backscattering.
The data transfer rate is defined by the local UHF frequency regulations.
The XRAG2 is fully compliant with the ePC Global Class-1 Generation-2 UHF RFID
specification (Revision 1.0.9) for the radio-frequency power and signal interface.
The reader and the XRAG2 dialog through the following consecutive operations known as RTF
(Reader Talk First) communication:
●
Activation of the XRAG2 by the UHF operating field of the reader
●
Transmission of a command by the reader
●
Transmission of a response by the XRAG2
Table 1.
Signal names
The XRAG2 is specifically designed for extended range applications that need automatic item
identification. The XRAG2 provides a fast and flexible anti-collision protocol that is robust in
noisy and unpredictable RF conditions typical of RFID applications. The XRAG2 EEPROM
memory can be read and write which enable users to program the EPC code and USER
memory at the point of application, if desired.
Figure 2.
Pad connections
AC1
Antenna Pad
AC0
Antenna Pad (GND)
memory
Power
Supply
Regulator
Demodulator
ASK
Reflecting
Modulator
EEPROM
AC1
AC0
432-bit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com