Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRAG2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # XRAG2
Description  UHF, EPCglobal Class-1 Generation-2, Contactless Memory Chip 432 bit with Multi-session Protocol, Anti-collision and Kill functions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 1 Page - STMicroelectronics

  XRAG2 Datasheet HTML 1Page - STMicroelectronics XRAG2 Datasheet HTML 2Page - STMicroelectronics XRAG2 Datasheet HTML 3Page - STMicroelectronics XRAG2 Datasheet HTML 4Page - STMicroelectronics XRAG2 Datasheet HTML 5Page - STMicroelectronics XRAG2 Datasheet HTML 6Page - STMicroelectronics XRAG2 Datasheet HTML 7Page - STMicroelectronics XRAG2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA BRIEF
For further information contact your local STMicroelectronics sales office.
Rev. 2
August 2005
1/8
8
XRAG2
UHF, EPCglobal Class-1 Generation-2, Contactless Memory Chip
432 bit with Multi-session Protocol, Anti-collision and Kill functions
Features summary
■
EPCglobal Class-1 Generation-2 specification
■
Passive Operation (no battery required)
■
UHF Carrier Frequencies from 860 MHz to
960 MHz ISM Band which comply with:
– North American regulations
– European regulations
– and other countries where similar
regulations apply
■
To the XRAG2:
– Asynchronous 90% SSB-ASK, DSB-ASK
or PR-ASK modulation using Pulse Interval
Encoding (Up to 128 kbps)
■
From the XRAG2:
– Backscattered reflective answers using
FM0 or Miller bit coding (up to 640 kbps)
■
432-bit memory with two possible
configurations:
– 3 memory banks: 64-bit TID, 304-bit EPC
and 64-bit RESERVED
– 4 memory banks: 128-bit USER, 64-bit TID,
176-bit EPC and 64-bit RESERVED
■
Multi-session protocol
■
Anti-collision functionality
■
Inventory, Read, Write and Erase features
■
Kill command
■
100-ms Programming Time (max) for 288-bit
programming (EPC code, Protocol Control bits
and CRC16)
■
More than 10,000 Write/Erase cycles
■
Over 40 Year Data Retention
Figure 1.
Delivery forms
Unsawn unbumped wafers
or
sawn and bumped wafers
www.st.com


Similar Part No. - XRAG2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
XRAG2 STMICROELECTRONICS-XRAG2 Datasheet
336Kb / 33P
432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
07-Apr-2008
XRAG2 STMICROELECTRONICS-XRAG2_08 Datasheet
336Kb / 33P
432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
07-Apr-2008
More results

Similar Description - XRAG2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRIX4K STMICROELECTRONICS-SRIX4K Datasheet
119Kb / 5P
13.56MHz Short Range Contactless Memory Chip With 4096 bit EEPROM, Anti-Collision and Anti-Clone Functions
Jul-2003
XRA00 STMICROELECTRONICS-XRA00 Datasheet
492Kb / 40P
UHF, EPCglobal, Contactless Memory IC 96 bit ePC with Inventory and Kill Function
21-Oct-2005
logo
ATMEL Corporation
ATA5590 ATMEL-ATA5590 Datasheet
117Kb / 4P
1-kbit UHF R/W IDIC with Anti-collision Function
logo
STMicroelectronics
SRI512 STMICROELECTRONICS-SRI512 Datasheet
72Kb / 6P
13.56-MHz Short-range Contactless Memory Chip with 512-bit EEPROM and Anti-Collision functions
18-Apr-2006
SRIX4K STMICROELECTRONICS-SRIX4K_07 Datasheet
482Kb / 50P
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
10-Apr-2007
XRAG2 STMICROELECTRONICS-XRAG2_08 Datasheet
336Kb / 33P
432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
07-Apr-2008
SRIX4K STMICROELECTRONICS-SRIX4K_08 Datasheet
401Kb / 47P
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
28-Aug-2008
CR14 STMICROELECTRONICS-CR14_10 Datasheet
406Kb / 47P
ISO14443 type-B contactless coupler chip with anti-collision and CRC management
19-Mar-2010
CRX14 STMICROELECTRONICS-CRX14_10 Datasheet
393Kb / 47P
ISO14443 type-B contactless coupler chip with anti-collision, CRC management and anti-clone function
01-Apr-2010
SRIX4K STMICROELECTRONICS-SRIX4K_11 Datasheet
347Kb / 48P
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
13-Sep-2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com