Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAST20 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # DAST20
Description  Telemetering System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DAST20 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  DAST20 Datasheet HTML 1Page - M-System Co.,Ltd. DAST20 Datasheet HTML 2Page - M-System Co.,Ltd. DAST20 Datasheet HTML 3Page - M-System Co.,Ltd. DAST20 Datasheet HTML 4Page - M-System Co.,Ltd. DAST20 Datasheet HTML 5Page - M-System Co.,Ltd. DAST20 Datasheet HTML 6Page - M-System Co.,Ltd. DAST20 Datasheet HTML 7Page - M-System Co.,Ltd. DAST20 Datasheet HTML 8Page - M-System Co.,Ltd. DAST20 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MODEL: DAST-20
DAST-20 SPECIFICATIONS
ES-5921 Rev.8 Page 3/22
http://www.m-system.co.jp/
varies between the minimum and maximum values,
depending upon the timing of input change.
Minimum Time = Simple Transmission Time
Maximum Time = Simple Transmission Time × 2
MOUNTING REQUIREMENTS unit: mm (inch)
4–M4 SCREW
100 (3.94)
FRONT PANEL CONFIGURATION & TERMINAL ASSIGNMENT
No. DESCRIPTION
EXPLANATION
1
RUN LED
Red LED ON at normal status;
OFF at anomaly detected by selfdiagnosis;
blinks when there is anomaly in telephone
circuit.
2
Contact I/O
Monitor LEDs
Red LED ON with contact ON;
provided only for contact I/O types
3
RUN Contact
Output Terminals
Relay opens when an anomaly is detected.
4
Power Indicator
LED
Red LED ON at normal status;
OFF when the voltage level drops.
5
Circuit Test SW
Normally OFF;
turned ON when testing only.
6
Circuit Status
Indicator LEDs
Red LED; SD blinks during sending;
RD blinks during receiving.
7
Power Terminals
Refer to the Terminal Connection.
8
SG, RD, SD
Terminals
Connected with the lightning arrester.
(factory connected)
9
Circuit Test
Terminals
(T1 – T2, T3 – T4)
Normally shorted with a jumper.
Circuit connection is broken when it is
removed (opened).
10
Circuit Connection
Terminals
Refer to the Terminal Connection.
11
Grounding Terminal Refer to the Terminal Connection.
I/O Module
Modem
Lightning Arrester
3
4
5
6
2
1
8
B A
C
2
1
T2
T1
ON
OFF
T3
T4
SG
RD
SD
FG
U
LINE
POWER
V
RD
SD
3
7
12
5
6
14
11
1
10
15
4
3
2
7
9
8
1
2
4
1
3
9
8
7
10
11
2
5
6
■ 50 bps TYPE (Transmission Rate Code: 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com