Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAST20 Datasheet(PDF) 12 Page - M-System Co.,Ltd.

Part # DAST20
Description  Telemetering System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DAST20 Datasheet(HTML) 12 Page - M-System Co.,Ltd.

Back Button DAST20 Datasheet HTML 8Page - M-System Co.,Ltd. DAST20 Datasheet HTML 9Page - M-System Co.,Ltd. DAST20 Datasheet HTML 10Page - M-System Co.,Ltd. DAST20 Datasheet HTML 11Page - M-System Co.,Ltd. DAST20 Datasheet HTML 12Page - M-System Co.,Ltd. DAST20 Datasheet HTML 13Page - M-System Co.,Ltd. DAST20 Datasheet HTML 14Page - M-System Co.,Ltd. DAST20 Datasheet HTML 15Page - M-System Co.,Ltd. DAST20 Datasheet HTML 16Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MODEL: DAST-20
DAST-20 SPECIFICATIONS
ES-5921 Rev.8 Page 12/22
http://www.m-system.co.jp/
MASTER, ANALOG I/O
MODEL: DAST–20–[1]MR3-K
ORDERING INFORMATION
• Code number: DAST-20–[1]MR3–K
Specify a code from below for [1].
(e.g. DAST-20-1MR3-K)
[1] TRANSMISSION RATE
1: 50 bps
2: 300 bps
POWER INPUT
AC Power
K: 85 – 132 V AC
INPUT SPECIFICATIONS
■ VOLTAGE INPUT
Capacity: 4 points
Commons: per 4 points
Range: 1 – 5 V DC (operational range 0.5 – 5.5 V)
Input resistance: 1 MΩ min. (500 kΩ min.)
OUTPUT SPECIFICATIONS
■ VOLTAGE OUTPUT
Capacity: 4 points
Commons: per 4 points
Range: 1 – 5 V DC (operational range 0.5 – 5.5 V)
Load resistance: 10 kΩ min.
PERFORMANCE
Accuracy: ±0.2 %
Number of data bytes: 28
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
I/O TERMINAL CONNECTION
Base Socket
1
2
15
11
5
4
3
6
9
12
10
COM. (–)
Ai 4
Ai 3
Ai 2
Ai 1
COM. (–)
Ao 4
Ao 3
Ao 2
Ao 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com