Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAST20 Datasheet(PDF) 18 Page - M-System Co.,Ltd.

Part # DAST20
Description  Telemetering System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DAST20 Datasheet(HTML) 18 Page - M-System Co.,Ltd.

Back Button DAST20 Datasheet HTML 14Page - M-System Co.,Ltd. DAST20 Datasheet HTML 15Page - M-System Co.,Ltd. DAST20 Datasheet HTML 16Page - M-System Co.,Ltd. DAST20 Datasheet HTML 17Page - M-System Co.,Ltd. DAST20 Datasheet HTML 18Page - M-System Co.,Ltd. DAST20 Datasheet HTML 19Page - M-System Co.,Ltd. DAST20 Datasheet HTML 20Page - M-System Co.,Ltd. DAST20 Datasheet HTML 21Page - M-System Co.,Ltd. DAST20 Datasheet HTML 22Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MODEL: DAST-20
DAST-20 SPECIFICATIONS
ES-5921 Rev.8 Page 18/22
http://www.m-system.co.jp/
MASTER, ANALOG & PULSE OUTPUTS
MODEL: DAST–20–[1]MU4-K
ORDERING INFORMATION
• Code number: DAST-20–[1]MU4–K
Specify a code from below for [1].
(e.g. DAST-20-1MU4-K)
[1] TRANSMISSION RATE
1: 50 bps
2: 300 bps
POWER INPUT
AC Power
K: 85 – 132 V AC
OUTPUT SPECIFICATIONS
■ VOLTAGE OUTPUT
Capacity: 4 points
Commons: per 4 points
Range: 1 – 5 V DC (operational range 0.5 – 5.5 V)
Load resistance: 10 kΩ min.
■ PULSE OUTPUT (open collector)
Capacity: 4 points
Commons: per 4 points
Rating: 30 V DC @100 mA
Frequency: 10 Hz max.
PERFORMANCE
Accuracy: ±0.2 %
Number of data bytes: 10
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
OUTPUT TERMINAL CONNECTION
8
7
6
5
Base Socket
1
2
15
11
5
4
3
6
9
12
10
COM. (–)
Ao 4
Ao 3
Ao 2
Ao 1
COM. (–)
Po 4
Po 3
Po 2
Po 1
Italic numbers indicate LED No. on the front panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com