Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD107 Datasheet(PDF) 25 Page - Analog Devices

Part # ADPD107
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD107 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADPD107 Datasheet HTML 21Page - Analog Devices ADPD107 Datasheet HTML 22Page - Analog Devices ADPD107 Datasheet HTML 23Page - Analog Devices ADPD107 Datasheet HTML 24Page - Analog Devices ADPD107 Datasheet HTML 25Page - Analog Devices ADPD107 Datasheet HTML 26Page - Analog Devices ADPD107 Datasheet HTML 27Page - Analog Devices ADPD107 Datasheet HTML 28Page - Analog Devices ADPD107 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 25 of 66
AFE OPERATION
The timing within each pulse burst is important for optimizing
the operation of the ADPD105/ADPD106/ADPD107. Figure 27
shows the timing waveforms for a single time slot as an LED pulse
response propagates through the analog block of the AFE. The
first graph, shown in green, shows the ideal LED pulsed output.
The filtered LED response, shown in blue, shows the output of
the analog integrator. The third graph, shown in orange, illustrates
an optimally placed integration window. When programmed to
the optimized value, the full signal of the filtered LED response
can be integrated. The AFE integration window is then applied to
the output of the band-pass filter (BPF) and the result is sent to
the ADC and summed for N pulses. If the AFE window is not
correctly sized or located, all of the receive signal is not properly
reported and system performance is not optimal; therefore, it is
important to verify proper AFE position for every new hardware
design or the LED width.
AFE INTEGRATION OFFSET ADJUSTMENT
The AFE integration width must be equal or larger than the LED
width. As AFE width increases, the output noise increases and
the ability to suppress high frequency content from the environ-
ment decreases. It is therefore desirable to keep the AFE integration
width small. However, if the AFE width is too small, the LED
signal is attenuated. With most hardware selections, the AFE
width produces the optimal SNR at 1 μs more than the LED
width. After setting LED width, LED offset, and AFE width, the
ADC offset can then be optimized. The AFE offset must be
manually set such that the falling edge of the first segment of the
integration window matches the zero crossing of the filtered LED
response.
FOR N PULSES
FOR N PULSES
FOR N PULSES
ADC
CONVERSION
+
LED PULSE
FILTERED LED
RESPONSE
AFE INTEGRATION
WINDOW
TIME (µs)
CONTROLLED BY:
TIA SETTINGS
AFE SETTINGS
REGISTER 0x42,
REGISTER 0x43,
REGISTER 0x44,
REGISTER 0x45
LED OFFSET
REGISTER 0x30 [7:0]
REGISTER 0x35 [7:0]
LED WIDTH
REGISTER 0x30 [12:8]
REGISTER 0x35 [12:8]
LED PERIOD
REGISTER 0x31 [7:0]
REGISTER 0x36 [7:0]
REGISTER 0x39 [15:11]
REGISTER 0x3B [15:11]
9µs + AFE OFFSET
REGISTER 0x39 [10:0]
REGISTER 0x3B [10:0]
N LED PULSES
REGISTER 0x31 [15:8]
REGISTER 0x36 [15:8]
LED DRIVE STRENGTH
REGISTER 0x22, REGISTER 0x23,
REGISTER 0x24, REGISTER 0x25
ADC
CONVERSION
AFE
WIDTH
AFE
WIDTH
Figure 27. AFE Operation Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com