Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5019 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5019
Description  Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5019 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5019 Datasheet HTML 1Page - Analog Devices ADRF5019 Datasheet HTML 2Page - Analog Devices ADRF5019 Datasheet HTML 3Page - Analog Devices ADRF5019 Datasheet HTML 4Page - Analog Devices ADRF5019 Datasheet HTML 5Page - Analog Devices ADRF5019 Datasheet HTML 6Page - Analog Devices ADRF5019 Datasheet HTML 7Page - Analog Devices ADRF5019 Datasheet HTML 8Page - Analog Devices ADRF5019 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADRF5019
Data Sheet
Rev. 0 | Page 4 of 12
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL CONTROL INPUTS
VCTRL pin and LS pin
Voltage
Low
VINL
0
0.8
V
High
VINH
2
3.3
V
Current
Low and High Current
IINL, IINH
<1
µA
RECOMMENDED OPERATING CONDITONS
Supply Voltage
Positive
VDD
3.0
3.6
V
Negative
VSS
−2.75
−2.25
V
Digital Control Input Voltage
VCTL
0
VDD
V
RF Input Power, Dual Supply2
PIN
VDD = 3.3 V, VSS = −2.5 V, f = 2 GHz, TCASE = 85°C3
Insertion Loss Path
RF signal is applied to RFC or through
connected RF1 or RF2
35
dBm
Isolation Path
RF signal is applied to the terminated RF1 or RF2
27
dBm
Hot Switching
RF signal is present at RFC while switching
between RF1 and RF2
27
dBm
RF Input Power, Single Supply2
PIN
VDD = 3.3 V, VSS = 0 V, f = 2 GHz, TCASE = 85°C3
Insertion Loss Path
RF signal is applied to RFC or through
connected RF1 or RF2
27
dBm
Isolation Path
RF signal is applied to the terminated RF1 or RF2
22
dBm
Hot Switching
RF signal is present at RFC while switching
between RF1 and RF2
22
dBm
Case Temperature
TCASE
−40
+105
°C
1
For input linearity performance vs. frequency, see Figure 13 to Figure 20.
2
For power derating vs. frequency, see Figure 2 and Figure 3. Power derating is applicable for insertion loss path, terminated path, and hot switching power
specifications.
3
For operation at 105°C, the power handling degrades from the TCASE = 85°C specification by 3 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com