Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5019 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5019
Description  Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5019 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5019 Datasheet HTML 1Page - Analog Devices ADRF5019 Datasheet HTML 2Page - Analog Devices ADRF5019 Datasheet HTML 3Page - Analog Devices ADRF5019 Datasheet HTML 4Page - Analog Devices ADRF5019 Datasheet HTML 5Page - Analog Devices ADRF5019 Datasheet HTML 6Page - Analog Devices ADRF5019 Datasheet HTML 7Page - Analog Devices ADRF5019 Datasheet HTML 8Page - Analog Devices ADRF5019 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Silicon, SPDT Switch, Nonreflective,
100 MHz to 13 GHz
Data Sheet
ADRF5019
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Nonreflective 50 Ω design
Low insertion loss: 0.8 dB at 8 GHz
High isolation: 45 dB at 8 GHz
High input linearity
P1dB: 39 dBm
IP3: 60 dBm typical
High power handling
35 dBm insertion loss path
27 dBm hot switching
ESD rating: 2 kV (Class 2) HBM
No low frequency spurious
0.05 dB RF settling time: 375 ns
0.1 dB RF settling time: 300 ns
16-lead, 3 mm × 3 mm LFCSP
Pin-compatible with HMC1118, low frequency cutoff version
APPLICATIONS
Test instrumentation
Microwave radios and very small aperture terminals (VSATs)
Military radios, radars, and electronic counter measures (ECMs)
Fiber optics and broadband telecommunications
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADRF5019 is a nonreflective, single pole, double throw
(SPDT) RF switch manufactured in a silicon process.
The ADRF5019 operates from 100 MHz to 13 GHz with better
than 0.8 dB insertion loss and 45 dB of isolation at 8 GHz. The
ADRF5019 has a nonreflective design, and the RF ports are
internally terminated to 50 Ω.
The ADRF5019 switch requires a dual supply voltage of +3.3 V
and −2.5 V and positive control voltage inputs. This switch
employs complementary metal-oxide semiconductor (CMOS)-
compatible and low voltage transistor transistor logic (LVTTL)-
compatible controls.
The ADRF5019 can also operate with a single positive supply
voltage (VDD) applied. The negative supply voltage (VSS) is tied
to ground. Even in single-supply operation mode, the ADRF5019
can cover the 100 MHz to 13 GHz operating frequency and
maintain good power handling performance. See the
Applications Information section for more details.
The ADRF5019 is pin-compatible with the HMC1118, the low
frequency cutoff version, which operates from 9 kHz to 13.0 GHz.
The ADRF5019 comes in a 16-lead, lead frame chip scale
package (LFCSP) and operates from −40°C to +105°C.
PACKAGE
BASE
GND
1
3
4
2
GND
GND
RFC
GND
12
11
10
9
VDD
LS
VCTRL
VSS
ADRF5019
50Ω
50Ω


Similar Part No. - ADRF5019

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5010 AD-ADRF5010 Datasheet
654Kb / 12P
Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
ADRF5010-EVALZ AD-ADRF5010-EVALZ Datasheet
654Kb / 12P
Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
ADRF5010BCCZN AD-ADRF5010BCCZN Datasheet
654Kb / 12P
Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
ADRF5010BCCZN-R7 AD-ADRF5010BCCZN-R7 Datasheet
654Kb / 12P
Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
More results

Similar Description - ADRF5019

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5027 AD-ADRF5027 Datasheet
357Kb / 13P
Silicon SPDT Switch, Nonreflective
7/2018-Revision 0
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
HMC349ALP4CE AD-HMC349ALP4CE Datasheet
391Kb / 12P
High Isolation, Nonreflective, GaAs, SPDT Switch, 100 MHz to 4 GHz
1/2019-v02.0315 to Rev. B
HMC349AMS8G AD-HMC349AMS8G Datasheet
750Kb / 10P
High Isolation, Nonreflective, GaAs, SPDT Switch,100 MHz to 4 GHz
10/2019-Rev. E to Rev. F
ADRF5023 AD-ADRF5023 Datasheet
593Kb / 12P
Silicon SPDT Switch, Nonreflective , 9 kHz to 45 GHz
Rev. 0
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
HMC232A AD-HMC232A Datasheet
1Mb / 12P
GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com