Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5019 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5019
Description  Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5019 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5019 Datasheet HTML 1Page - Analog Devices ADRF5019 Datasheet HTML 2Page - Analog Devices ADRF5019 Datasheet HTML 3Page - Analog Devices ADRF5019 Datasheet HTML 4Page - Analog Devices ADRF5019 Datasheet HTML 5Page - Analog Devices ADRF5019 Datasheet HTML 6Page - Analog Devices ADRF5019 Datasheet HTML 7Page - Analog Devices ADRF5019 Datasheet HTML 8Page - Analog Devices ADRF5019 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADRF5019
Rev. 0 | Page 3 of 12
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VDD = 3.3 V, VSS = −2.5 V, LS = 3.3 V, VCTRL = 0 V or 3.3 V, and TCASE = 25°C in a 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
100
13,000
MHz
INSERTION LOSS
IL
Between RFC and RF1 or RFC and RF2 (On)
100 MHz to 3 GHz
0.6
dB
100 MHz to 8 GHz
0.8
dB
100 MHz to 10 GHz
1.0
dB
100 MHz to 13 GHz
1.5
dB
RETURN LOSS
RL
Between RFC and RF1 or RFC and RF2 (On)
100 MHz to 3 GHz
26
dB
100 MHz to 8 GHz
22
dB
100 MHz to 13 GHz
9
dB
RF1 or RF2 (Off)
100 MHz to 3 GHz
26
dB
100 MHz to 8 GHz
14
dB
100 MHz to 13 GHz
5
dB
ISOLATION
Between RFC and RF1 or RCF and RF2 (Off)
100 MHz to 3 GHz
50
dB
100 MHz to 8 GHz
45
dB
100 MHz to 10 GHz
35
dB
100 MHz to 13 GHz
25
dB
SWITCHING CHARACTERISTICS
Dual Supply
VDD = 3.3 V, VSS = −2.5 V
Rise Time and Fall Time
tRISE, tFALL
10% to 90% of RF output
35
ns
On Time and Off Time
tON, tOFF
50% of triggered digital control input voltage
(VCTL) to 90% of RF output
150
ns
RF Settling Time
0.1 dB
50% of triggered VCTL to 0.1 dB of final RF output
300
ns
0.05 dB
50% of triggered VCTL to 0.05 dB of final RF output
375
ns
Single Supply
VDD = 3.3 V, VSS = 0 V
Rise Time and Fall Time
tRISE, tFALL
10% to 90% of RF output
180
ns
On Time and Off Time
tON, tOFF
50% of triggered VCTL to 90% of RF output
285
ns
INPUT LINEARITY1
100 MHz to 13 GHz
Dual Supply
VDD = 3.3 V, VSS = −2.5 V
Input Compression
0.1 dB
P0.1dB
38
dBm
1 dB
P1dB
39
dBm
Intermodulation Distortion
Input Third-Order Intercept
IIP3
Two tone input power = 12 dBm each tone,
Δf = 1 MHz
60
dBm
Single Supply
VDD = 3.3 V, VSS = 0 V
Input Compression
0.1 dB
P0.1dB
25
dBm
1 dB
P1dB
28
dBm
Intermodulation Distortion
Input Third-Order Intercept
IIP3
Two tone input power = 12 dBm each tone,
Δf = 1 MHz
55
dBm
SUPPLY CURRENT
VDD pin and VSS pin
Positive Supply Current
IDD
20
µA
Negative Supply Current
ISS
0.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com