Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST732M30R Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST732M30R
Description  300 mA, 28 V low-dropout voltage regulator, with 5 μA quiescent current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST732M30R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST732M30R Datasheet HTML 2Page - STMicroelectronics ST732M30R Datasheet HTML 3Page - STMicroelectronics ST732M30R Datasheet HTML 4Page - STMicroelectronics ST732M30R Datasheet HTML 5Page - STMicroelectronics ST732M30R Datasheet HTML 6Page - STMicroelectronics ST732M30R Datasheet HTML 7Page - STMicroelectronics ST732M30R Datasheet HTML 8Page - STMicroelectronics ST732M30R Datasheet HTML 9Page - STMicroelectronics ST732M30R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
5
Electrical characteristics
TA = TJ = -40 °C to +125 °C, typical values refer to TA = +25 °C, VIN = VOUT + 1 V, IOUT =10 mA, CIN = 0.1 µF,
COUT = 0.47 µF, unless otherwise specified (see note).
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
2.5
28
V
VOUT
Output voltage accuracy
TJ = 25 °C
-1
+1
%
-40 °C < TJ < +125 °C
-3
+3
%
ΔVOUT Static line regulation
VIN = VOUT(NOM) + 1 V to 28 V
0.01
0.05
%/V
ΔVOUT Static load regulation
IOUT = 1 mA to 300 mA (1)
0.0001
%/mA
VDROP Dropout voltage
IOUT = 100 mA,
VIN = VOUT(NOM) - 0.1 V
200
350
mV
IOUT = 300 mA,
VIN = VOUT(NOM) - 0.1 V
600
1200
mV
IQ
Quiescent current
IOUT = 0 mA
5
10
µA
IOUT = 300 mA
120
200
eN
Output noise voltage (2)
f = 10 Hz to 100 kHz, IOUT = 10 mA COUT = 1 µF
70
µVRMS/VOUT
SVR
Supply voltage rejection (2)
VIN = VOUT(NOM) + 1 V +/- VRIPPLE
VRIPPLE = 0.5 V, f = 120 Hz, VOUT(NOM) = 5 V
75
dB
VIN = VOUT(NOM) + 1 V+/-VRIPPLE
VRIPPLE = 0.5 V, f = 1 kHz, VOUT(NOM) = 5 V
75
VIN = VOUT(NOM) + 1 V +/-VRIPPLE
VRIPPLE = 0.5 V, f = 10 kHz, VOUT(NOM) = 5 V
42
VIN = VOUT(NOM) + 1 V +/-VRIPPLE
VRIPPLE = 0.5 V, f = 100 Hz, VOUT(NOM) = 5 V
35
ISC
Short-circuit current (3)
RL = 0
450
mA
TSHDN
Thermal shutdown (2)
160
°C
Hysteresis (2)
20
1. The device is able to properly regulate the output voltage with no load.
2. Guaranteed by design, not tested in production.
3. The current limit is a function of (VIN-VOUT) differential during operation. Maximum available current is limited. Refer to
Section 6.3 Protection features for more information.
Note:
Values in full temperature range are guaranteed by design and/or characterization tested at TA =~ TJ. Low
duty-cycle pulse techniques are used.
ST732
Electrical characteristics
DS12561 - Rev 3
page 6/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com