Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST732M30R Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST732M30R
Description  300 mA, 28 V low-dropout voltage regulator, with 5 μA quiescent current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST732M30R Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST732M30R Datasheet HTML 13Page - STMicroelectronics ST732M30R Datasheet HTML 14Page - STMicroelectronics ST732M30R Datasheet HTML 15Page - STMicroelectronics ST732M30R Datasheet HTML 16Page - STMicroelectronics ST732M30R Datasheet HTML 17Page - STMicroelectronics ST732M30R Datasheet HTML 18Page - STMicroelectronics ST732M30R Datasheet HTML 19Page - STMicroelectronics ST732M30R Datasheet HTML 20Page - STMicroelectronics ST732M30R Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin connection (top view) ............................................................. 3
Figure 3.
Typical application circuit ............................................................. 4
Figure 4.
Output voltage vs. temperature (IOUT = 0 mA)............................................... 9
Figure 5.
Output voltage vs. temperature (IOUT = 10 mA).............................................. 9
Figure 6.
Output voltage vs. temperature (IOUT = 150 mA) ............................................. 9
Figure 7.
Output voltage vs. temperature (IOUT = 300 mA) ............................................. 9
Figure 8.
Output voltage vs. load current ........................................................ 10
Figure 9.
Dropout voltage vs. temperature ....................................................... 10
Figure 10.
Line regulation vs. temperature........................................................ 10
Figure 11.
Load regulation vs. temperature ....................................................... 10
Figure 12.
Quiescent current vs. input voltage (IOUT = 0 mA) ........................................... 10
Figure 13.
Quiescent current vs. temperature (IOUT = 0 mA) ........................................... 10
Figure 14.
Quiescent current vs. temperature (IOUT = 300 mA).......................................... 11
Figure 15.
Current limit vs. temperature ......................................................... 11
Figure 16.
Short-circuit current vs. dropout voltage .................................................. 11
Figure 17.
PSRR vs. frequency ............................................................... 11
Figure 18.
Output noise spectrum.............................................................. 11
Figure 19.
Start-up transient ................................................................. 11
Figure 20.
Line transient .................................................................... 12
Figure 21.
Load transient ................................................................... 12
Figure 22.
SOT23-5L package outline........................................................... 13
Figure 23.
SOT23-5L recommended footprint ..................................................... 14
Figure 24.
SOT23-5L tape and reel drawing ...................................................... 14
ST732
List of figures
DS12561 - Rev 3
page 20/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com