Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST732M30R Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST732M30R
Description  300 mA, 28 V low-dropout voltage regulator, with 5 μA quiescent current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST732M30R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST732M30R Datasheet HTML 9Page - STMicroelectronics ST732M30R Datasheet HTML 10Page - STMicroelectronics ST732M30R Datasheet HTML 11Page - STMicroelectronics ST732M30R Datasheet HTML 12Page - STMicroelectronics ST732M30R Datasheet HTML 13Page - STMicroelectronics ST732M30R Datasheet HTML 14Page - STMicroelectronics ST732M30R Datasheet HTML 15Page - STMicroelectronics ST732M30R Datasheet HTML 16Page - STMicroelectronics ST732M30R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
SOT23-5L package information
Figure 22. SOT23-5L package outline
7049676
Table 6. SOT23-5L package mechanical data
Dimension
mm
Min.
Typ.
Max.
A
0.90
1.45
A1
0
0.15
A2
0.90
1.30
b
0.30
0.50
c
0.09
0.20
D
2.95
E
1.60
e
0.95
H
2.80
L
0.30
0.60
θ
0
10
ST732
Package information
DS12561 - Rev 3
page 13/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com