Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST732M36R Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST732M36R
Description  300 mA, 28 V low-dropout voltage regulator, with 5 μA quiescent current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST732M36R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST732M36R Datasheet HTML 3Page - STMicroelectronics ST732M36R Datasheet HTML 4Page - STMicroelectronics ST732M36R Datasheet HTML 5Page - STMicroelectronics ST732M36R Datasheet HTML 6Page - STMicroelectronics ST732M36R Datasheet HTML 7Page - STMicroelectronics ST732M36R Datasheet HTML 8Page - STMicroelectronics ST732M36R Datasheet HTML 9Page - STMicroelectronics ST732M36R Datasheet HTML 10Page - STMicroelectronics ST732M36R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
6
Application information
6.1
External capacitors
The ST732 voltage regulator requires external capacitors to ensure the control loop stability. These capacitors
must be selected to meet the requirements of minimum capacitance and equivalent series resistance defined in
the following chapters. Input and output capacitors should be located as close as possible to the relevant pins.
Input capacitor
An input capacitor, whose minimum value is 0.1 μF, must be placed as close as possible to the input in of the
device and returned to a clean analog ground. A good quality, low-ESR ceramic capacitor is suggested. It helps
to ensure stability of the control loop, reduces the effects of inductive sources and improves ripple rejection.
Values, which are higher than 0.1 µF, are suggested in case of fast load transients in the application. There is no
maximum limit to the output capacitance.
Output capacitor
The ST732 requires a capacitor connected on its output, to keep the control loop stable and reduce the risk of
ringing and oscillations. The control loop is designed to be stable with any good quality ceramic capacitor (such
as X5R/X7R types) with a minimum value of 0.47 µF and equivalent series resistance in the [5 – 500 mΩ] range.
It is important to highlight that the output capacitor must maintain its capacitance and ESR in the stable region
over the full operating temperature, load and input voltage ranges, to assure stability. Therefore, capacitance
and ESR variations must be taken into account in the design phase to ensure the device works in the expected
stability region.
There is no maximum limit to the output capacitance, provided that the above conditions are satisfied.
6.2
Power dissipation
A proper PCB design is recommended, to ensure that the device internal junction temperature is kept below 125
°C, in all operating conditions. The thermal energy, generated by the device, flows from the die surface to the
PCB copper area through the package leads. The PCB copper area acts as a heat sink. The footprint copper
pads should be as wider as possible to spread and dissipate heat to the surrounding environment. Thermal
micro-vias to the inner or backside copper layers improve the overall thermal performance of the device.
The power dissipation of the LDO depends on the input voltage, output voltage and output current, and is given
by:
PD= VIN−VOUT IOUT
(1)
The junction temperature of the device is:
TJ_MAX=TA+RtℎJA×PD
(2)
where: TJ_MAX is the maximum junction of the die, 125 °C; TA is the ambient temperature; RthJA is the thermal
resistance junction-to-ambient.
With the above equation it is possible to calculate the allowable maximum power dissipation, therefore the
maximum load current for a certain voltage drop. Appropriate de-rating of the operating condition can be applied
accordingly.
6.3
Protection features
Current limit
Due to the wide input voltage range, high power dissipation could occur in case of damaged/shorted load. For this
reason the ST732 embeds an SOA protection-current limit circuit, which acts in case of overload or short-circuit
on the output, clamping the load current to a safe value.
The current limit value on purpose depends on the voltage drop (VIN - VOUT), so that the maximum dissipated
power is always kept under control.
The non-constant current limit characteristic shown in Figure 15. Current limit vs. temperature should be taken
into account to calculate the maximum load current the device can supply for a certain dropout voltage.
Normal operation is restored if the overload disappears, but prolonged operation in current limit may lead to high
power dissipation inside the LDO and subsequently to thermal shutdown.
ST732
Application information
DS12561 - Rev 3
page 7/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com