Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST732M36R Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST732M36R
Description  300 mA, 28 V low-dropout voltage regulator, with 5 μA quiescent current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST732M36R Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST732M36R Datasheet HTML 12Page - STMicroelectronics ST732M36R Datasheet HTML 13Page - STMicroelectronics ST732M36R Datasheet HTML 14Page - STMicroelectronics ST732M36R Datasheet HTML 15Page - STMicroelectronics ST732M36R Datasheet HTML 16Page - STMicroelectronics ST732M36R Datasheet HTML 17Page - STMicroelectronics ST732M36R Datasheet HTML 18Page - STMicroelectronics ST732M36R Datasheet HTML 19Page - STMicroelectronics ST732M36R Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
9
Ordering information
Table 8. Order code
Order code
Output voltage
Marking
ST732M28R
2.8 V
228
ST732M30R
3.0 V
230
ST732M33R
3.3 V
233
ST732M36R
3.6 V
236
ST732M50R
5.0 V
250
Note:
Other voltage options available on request.
ST732
Ordering information
DS12561 - Rev 3
page 16/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com