Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST732M36R Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST732M36R
Description  300 mA, 28 V low-dropout voltage regulator, with 5 μA quiescent current
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST732M36R Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST732M36R Datasheet HTML 13Page - STMicroelectronics ST732M36R Datasheet HTML 14Page - STMicroelectronics ST732M36R Datasheet HTML 15Page - STMicroelectronics ST732M36R Datasheet HTML 16Page - STMicroelectronics ST732M36R Datasheet HTML 17Page - STMicroelectronics ST732M36R Datasheet HTML 18Page - STMicroelectronics ST732M36R Datasheet HTML 19Page - STMicroelectronics ST732M36R Datasheet HTML 20Page - STMicroelectronics ST732M36R Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
List of tables
Table 1.
Pin description ..................................................................... 3
Table 2.
Absolute maximum ratings ............................................................. 5
Table 3.
Thermal data....................................................................... 5
Table 4.
Electro static discharge................................................................ 5
Table 5.
Electrical characteristics ............................................................... 6
Table 6.
SOT23-5L package mechanical data ..................................................... 13
Table 7.
SOT23-5L tape and reel mechanical data .................................................. 15
Table 8.
Order code ....................................................................... 16
Table 9.
Document revision history ............................................................. 17
ST732
List of tables
DS12561 - Rev 3
page 19/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com