Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9008-2W/PCBZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADRV9008-2W/PCBZ
Description  Integrated Dual RF Transmitters and Observation Receiver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9008-2W/PCBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRV9008-2W/PCBZ Datasheet HTML 4Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 5Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 6Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 7Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 8Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 9Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 10Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 11Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 95 page
background image
ADRV9008-2
Data Sheet
Rev. 0 | Page 8 of 95
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Input Impedance
100
Ω
Differential (see Figure 266)
Isolation
Transmitter 1 (Tx1) to
Observation
Receiver 1 (ORx1)
and Transmitter 2
(Tx2) to Observation
Receiver 2 (ORx2)
100
dB
75 MHz < f ≤ 600 MHz
65
dB
600 MHz < f ≤ 5300 MHz
55
dB
5300 MHz < f ≤ 6000 MHz
Tx1 to ORx 2 and Tx2 to
ORx 1
105
dB
75 MHz < f ≤ 600 MHz
65
dB
600 MHz < f ≤ 5300 MHz
55
dB
5300 MHz < f ≤ 6000 MHz
LO SYNTHESIZER
LO Frequency Step
2.3
Hz
1.5 GHz to 2.8 GHz, 76.8 MHz phase
frequency detector (PFD) frequency
LO Spur
−85
dBc
Excludes integer boundary spurs
Integrated Phase Noise
2 kHz to 18 MHz
75 MHz LO
0.014
°rms
Narrow PLL loop bandwidth
(50 kHz)
1900 MHz LO
0.2
°rms
Narrow PLL loop bandwidth
(50 kHz)
3800 MHz LO
0.36
°rms
Wide PLL loop bandwidth (300 kHz)
5900 MHz LO
0.54
°rms
Wide PLL loop bandwidth (300 kHz)
Spot Phase Noise
75 MHz LO
Narrow PLL loop bandwidth
10 kHz Offset
−126.5
dBc/Hz
100 kHz Offset
−132.8
dBc/Hz
1 MHz Offset
−150.1
dBc/Hz
10 MHz Offset
−150.7
dBc/Hz
1900 MHz LO
Narrow PLL loop bandwidth
100 kHz Offset
−100
dBc/Hz
200 kHz Offset
−115
dBc/Hz
400 kHz Offset
−120
dBc/Hz
600 kHz Offset
−129
dBc/Hz
800 kHz Offset
−132
dBc/Hz
1.2 MHz Offset
−135
dBc/Hz
1.8 MHz Offset
−140
dBc/Hz
6 MHz Offset
−150
dBc/Hz
10 MHz Offset
−153
dBc/Hz
3800 MHz LO
Wide PLL loop bandwidth
100 kHz Offset
−104
dBc/Hz
1.2 MHz Offset
−125
dBc/Hz
10 MHz Offset
−145
dBc/Hz
5900 MHz LO
Wide PLL loop bandwidth
100 kHz Offset
−99
dBc/Hz
1.2 MHz Offset
−119.7
dBc/Hz
10 MHz Offset
−135.4
dBc/Hz
LO PHASE
SYNCHRONIZATION
Phase Deviation
1.6
ps/°C
Change in LO delay per temperature
change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com