Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9008-2W/PCBZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADRV9008-2W/PCBZ
Description  Integrated Dual RF Transmitters and Observation Receiver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9008-2W/PCBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRV9008-2W/PCBZ Datasheet HTML 9Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 10Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 11Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 12Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 13Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 14Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 15Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 16Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 95 page
background image
Data Sheet
ADRV9008-2
Rev. 0 | Page 13 of 95
CURRENT AND POWER CONSUMPTION SPECIFICATIONS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CHARACTERISTICS
VDDA1P31 Analog Supply
1.267
1.3
1.33
V
VDDD1P3_DIG Supply
1.267
1.3
1.33
V
VDDA1P8_TX Supply
1.71
1.8
1.89
V
VDDA1P8_BB Supply
1.71
1.8
1.89
V
VDD_INTERFACE Supply
1.71
1.8
2.625
V
CMOS and LVDS supply, 1.8 V to 2.5 V
nominal range
VDDA_3P3 Supply
3.135
3.3
3.465
V
POSITIVE SUPPLY CURRENT
LO at 2600 MHz
450 MHz Transmitter Bandwidth,
Observation Receiver Disabled
Two transmitters enabled
VDDA1P31 Analog Supply
1978
mA
VDDD1P3_DIG Supply
611
mA
Transmitter QEC active
VDDA1P8_TX Supply
455
mA
Transmitter RF attenuation = 0 dB, full
scale continuous wave
135
mA
Transmitter RF attenuation = 15 dB, full
scale continuous wave
VDD_INTERFACE Supply
8
mA
VDD_INTERFACE = 2.5 V
VDDA1P8_BB Supply
68
mA
VDDA_3P3 Supply
3
mA
No Auxiliary DAC x or AUXADC_x
enabled, if enabled, AUXADC_x adds
2.7 mA and each Auxiliary DAC x adds
1.5 mA
Total Power Dissipation
4.34
W
Typical supply voltages, 0 dB
transmitter attenuation, transmitter
QEC active
3.76
W
Typical supply voltages, 15 dB
transmitter attenuation, transmitter
QEC active
450 MHz Transmitter Bandwidth,
Observation Receiver Enabled
Two transmitters enabled
VDDA1P31 Analog Supply
2059
mA
VDDD1P3_DIG Supply
1501
mA
Transmitter QEC tracking active,
observation receiver QEC enabled
VDDA1P8_TX Supply
455
mA
Transmitter RF attenuation = 0 dB, full
scale continuous wave
135
mA
Transmitter RF attenuation = 15 dB, full
scale continuous wave
VDD_INTERFACE Supply
8
mA
VDD_INTERFACE = 2.5 V
VDDA1P8_BB Supply
63
mA
VDDA_3P3 Power Supply
3
mA
No Auxiliary DAC x or AUXADC_x
enabled, if enabled, AUXADC_x adds
2.7 mA and each Auxiliary DAC x adds
1.5 mA
Total Power Dissipation
5.59
W
Typical supply voltages, 0 dB
transmitter attenuation, transmitter
QEC active
5.01
W
Typical supply voltages, 15 dB
transmitter attenuation, transmitter
QEC active
1
VDDA1P3 refers to all analog 1.3 V supplies, including: VDDA1P3_RF_SYNTH, VDDA1P3_BB, VDDA1P3_RX_RF, VDDA1P3_RX_TX, VDDA1P3_RF_VCO_LDO,
VDDA1P3_RF_LO, VDDA1P3_DES, VDDA1P3_SER, VDDA1P3_CLOCK_SYNTH, VDDA1P3_CLOCK_VCO_LDO, VDDA1P3_AUX_SYNTH, and VDDA1P3_AUX_VCO_LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com