Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9008-2W/PCBZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADRV9008-2W/PCBZ
Description  Integrated Dual RF Transmitters and Observation Receiver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9008-2W/PCBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRV9008-2W/PCBZ Datasheet HTML 17Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 18Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 19Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 20Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 21Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 22Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 23Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 24Page - Analog Devices ADRV9008-2W/PCBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 95 page
background image
Data Sheet
ADRV9008-2
Rev. 0 | Page 21 of 95
Pin No.
Type
Mnemonic
Description
M3
Input
SYNCIN0−
JESD204B Receiver Channel 0 Data Link LVDS Input. This pin
forms the sync signal associated with observation receiver channel
data on the JESD204B interface. When unused, connect this
pin to GND with a pull-down resistor or directly to GND.
M4
Input
SYNCIN0+
JESD204B Receiver Channel 0 Data Link LVDS Input. This pin
forms the sync signal associated with observation receiver channel
data on the JESD204B interface. When unused, connect this
pin to GND with a pull-down resistor or connect this pin
directly to GND.
M5
Input
ORX1_ENABLE
Observation Receiver 1 Enable Pin. When unused, connect this
pin to GND with a pull-down resistor or connect this pin
directly to GND.
M6
Input
TX1_ENABLE
Transmitter 1 Enable Pin. When unused, connect this pin to
GND with a pull-down resistor or connect this pin directly to
GND.
M7
Input
ORX2_ENABLE
Observation Receiver 2 Enable Pin. When unused, connect this
pin to GND with a pull-down resistor or connect this pin
directly to GND.
M8
Input
TX2_ENABLE
Transmitter 2 Enable Pin. When unused, connect this pin to
GND with a pull-down resistor or connect this pin directly to
GND.
M10
Input/
output
GPIO_17
Digital GPIO, 1.8 V to 2.5 V. Because this pin contains an input
stage, control the voltage on the pin. When unused, this pin
can be tied to ground through a resistor to safeguard against
misconfiguration, or the pin can be left floating, programmed as
an output, and driven low.
M11
Input/
output
GPIO_16
Digital GPIO, 1.8 V to 2.5 V. Because this pin contains an input
stage, control the voltage on the pin. When unused, this pin
can be tied to ground through a resistor to safeguard against
misconfiguration, or the pin can be left floating, programmed as
outputs, and driven low.
M12
Input
VDD_INTERFACE
Input/Output Interface Supply, 1.8 V to 2.5 V.
M13
Output
SYNCOUT0−
JESD204B Transmitter Channel Data Link LVDS Output. This pin
forms the sync signal associated with transmitter channel data on
the JESD204B interface. When unused, do not connect this pin.
M14
Output
SYNCOUT0+
JESD204B Transmitter Channel Data Link LVDS Output. This pin
forms the sync signal associated with transmitter channel data on
the JESD204B interface. When unused, do not connect this pin.
N1
Input
VDDA1P3_CLOCK_VCO_LDO
1.3 V Separate Trace to Common Supply Point.
N3
Output
SERDOUT3−
RF Current Mode Logic (CML) Differential Negative Output 3.
When unused, do not connect this pin.
N4
Output
SERDOUT3+
RF CML Differential Positive Output 3. When unused, do not
connect this pin.
N5
Output
SERDOUT2−
RF CML Differential Negative Output 2. When unused, do not
connect this pin.
N6
Output
SERDOUT2+
RF CML Differential Positive Output 2. When unused, do not
connect this pin.
N8, P8
Input
VDDA1P3_SER
1.3 V Supply for JESD204B Serializer.
N9, P9
Input
VDDA1P3_DES
1.3 V Supply for JESD204B Deserializer.
N10
Input
SERDIN1−
RF CML Differential Negative Input 1. When unused, do not
connect this pin.
N11
Input
SERDIN1+
RF CML Differential Positive Input 1. When unused, do not
connect this pin.
N12
Input
SERDIN0−
RF CML Differential Negative Input 0. When unused, do not
connect this pin.
N13
Input
SERDIN0+
RF CML Differential Positive Input 0. When unused, do not
connect this pin.
P1
Output
AUX_SYNTH_VTUNE
Auxiliary Synthesizer VTUNE Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com