Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9009-W/PCBZ Datasheet(PDF) 49 Page - Analog Devices

Part # ADRV9009-W/PCBZ
Description  Integrated Dual RF Transmitter, Receiver, and Observation Receiver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9009-W/PCBZ Datasheet(HTML) 49 Page - Analog Devices

Back Button ADRV9009-W/PCBZ Datasheet HTML 45Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 46Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 47Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 48Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 49Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 50Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 51Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 52Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 127 page
background image
Data Sheet
ADRV9009
Rev. B | Page 49 of 127
0
–100
–90
–80
–70
–60
–40
–50
–30
–20
–10
650 850 1050 1250 1450 1650 1850
2250
2650
2050
2450
2850
TRANSMITTER LO FREQUENCY (MHz)
+110°C
+25°C
–40°C
Figure 158. Observation Receiver LO Leakage vs. Transmitter LO Frequency,
24
14
15
16
17
18
20
19
21
22
23
650 850 1050 1250 1450 1650 1850
2250
2650
2050
2450
2850
OBSERVATION RECEIVER LO FREQUENCY (MHz)
+110°C
+25°C
–40°C
Figure 159. Observation Receiver Noise Figure vs. Observation Receiver LO
Frequency, Total Nyquist Integration Bandwidth
80
40
60
70
50
75
55
65
45
SWEPT PASS BAND FREQUENCY (MHz)
656
655
906
905
846
845
736
735
696
695
776
775
886
885
806
805
826
825
866
865
796
795
716
715
676
675
756
755
IIP2 SUM +110°C
IIP2 SUM +25°C
IIP2 SUM –40°C
IIP2 DIFF +110°C
IIP2 DIFF +25°C
IIP2 DIFF –40°C
Figure 160. Observation Receiver IIP2, Sum and Difference Products vs.
Swept Pass Band Frequency, LO = 650 MHz, Attenuation = 0 dB
80
40
60
70
50
75
55
65
45
SWEPT PASS BAND FREQUENCY (MHz)
1806
1805
2066
2065
2006
2005
1886
1885
1846
1845
1926
1925
2046
2045
1966
1965
1986
1985
2026
2025
1946
1945
1866
1865
1826
1825
1906
1905
IIP2 SUM +110°C
IIP2 SUM +25°C
IIP2 SUM –40°C
IIP2 DIFF +110°C
IIP2 DIFF +25°C
IIP2 DIFF –40°C
Figure 161. Observation Receiver IIP2, Sum and Difference Products vs.
Swept Pass Band Frequency, LO =1800 MHz, Attenuation = 0 dB
80
40
60
70
50
75
55
65
45
SWEPT PASS BAND FREQUENCY (MHz)
2856
2855
3116
3115
3056
3055
2936
2935
2896
2895
2976
2975
3096
3095
3016
3015
3036
3035
3076
3075
2996
2995
2916
2915
2876
2875
2956
2955
IIP2 SUM +110°C
IIP2 SUM +25°C
IIP2 SUM –40°C
IIP2 DIFF +110°C
IIP2 DIFF +25°C
IIP2 DIFF –40°C
Figure 162. Observation Receiver IIP2, Sum and Difference Products vs.
Swept Pass Band Frequency, LO = 2850 MHz, Attenuation = 0 dB
75
65
50
55
60
70
ATTENUATION (dB)
06
10
28
4
INPUT IP2 SUM +110°C
INPUT IP2 SUM +25°C
INPUT IP2 SUM –40°C
INPUT IP2 DIFF +110°C
INPUT IP2 DIFF +25°C
INPUT IP2 DIFF –40°C
Figure 163. Observation Receiver IIP2, Sum and Difference Products vs.
Attenuation, Tone 1 = 1845 MHz, Tone 2 = 1846 MHz at −19 dBm Plus
Attenuation, LO = 1800 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com