Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9009-W/PCBZ Datasheet(PDF) 70 Page - Analog Devices

Part # ADRV9009-W/PCBZ
Description  Integrated Dual RF Transmitter, Receiver, and Observation Receiver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9009-W/PCBZ Datasheet(HTML) 70 Page - Analog Devices

Back Button ADRV9009-W/PCBZ Datasheet HTML 66Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 67Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 68Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 69Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 70Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 71Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 72Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 73Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 127 page
background image
ADRV9009
Data Sheet
Rev. B | Page 70 of 127
30
0
10
25
20
5
15
IIP3 SUM +110°C
IIP3 SUM +25°C
IIP3 SUM –40°C
IIP3 DIFF +110°C
IIP3 DIFF +25°C
IIP3 DIFF –40°C
INTERMODULATION FREQUENCY (MHz)
Figure 282. Observation Receiver IIP3, 2f1 − f2 vs. Intermodulation Frequency,
LO = 4600 MHz, Tone 1 = 4602 MHz, Tone 2 = Swept, −22 dBm Each
ATTENUATION (dB)
010
8
6
4
2
30
6
26
10
18
14
22
28
24
8
16
12
20
IIP3 = +110°C
IIP3 = +25°C
IIP3 = –40°C
Figure 283. Observation Receiver IIP3, 2f1 − f2 vs. Attenuation, LO = 3600 MHz,
Tone 1 = 3602 MHz, Tone 2 = 3722 MHz, −22 dBm Each Plus Attenuation
ATTENUATION (dB)
010
8
6
4
2
30
6
26
10
18
14
22
28
24
8
16
12
20
IIP3 = +110°C
IIP3 = +25°C
IIP3 = –40°C
Figure 284. Observation Receiver IIP3, 2f1 − f2 vs. Attenuation,
LO = 4600 MHz, Tone 1 = 4602 MHz, Tone 2 = 4722 MHz at −22 dBm Plus
Attenuation Each
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
BASEBAND FREQUENCY OFFSET (MHz)
+110°C = 10dB
+25°C = 10dB
–40°C = 10dB
+110°C = 0dB
+25°C = 0dB
–40°C = 0dB
Figure 285. Observation Receiver Image Rejection vs. Baseband Frequency Offset,
CW Signal Swept Across the Band, LO = 3600 MHz
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
BASEBAND FREQUENCY OFFSET (MHz)
+110°C = 10dB
+25°C = 10dB
–40°C = 10dB
+110°C = 0dB
+25°C = 0dB
–40°C = 0dB
Figure 286. Observation Receiver Image Rejection vs. Baseband Frequency Offset,
CW Signal Swept Across the Band, LO = 4600 MHz
OBSERVATION RECEIVER ATTENUATION (dB)
010
8
6
4
2
19
7
5
3
18
4
14
6
10
16
12
8
+110°C
+25°C
–40°C
Figure 287. Observation Receiver Gain vs. Observation Receiver Attenuation,
LO = 3600 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com