Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRV9009-W/PCBZ Datasheet(PDF) 86 Page - Analog Devices

Part # ADRV9009-W/PCBZ
Description  Integrated Dual RF Transmitter, Receiver, and Observation Receiver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9009-W/PCBZ Datasheet(HTML) 86 Page - Analog Devices

Back Button ADRV9009-W/PCBZ Datasheet HTML 82Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 83Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 84Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 85Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 86Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 87Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 88Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 89Page - Analog Devices ADRV9009-W/PCBZ Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 127 page
background image
ADRV9009
Data Sheet
Rev. B | Page 86 of 127
OBSERVATION RECEIVER ATTENUATOR SETTING (dB)
10
8
14
6
9
57
3
2
0
+110°C
+25°C
–40°C
36
16
32
24
28
20
18
34
26
30
22
Figure 376. Observation Receiver Noise Figure vs. Observation Receiver
Attenuator Setting, 5200 MHz, Total Nyquist Integration Bandwidth
36
16
010
OBSERVATION RECEIVER ATTENUATOR SETTING (dB)
+110°C
+25°C
–40°C
18
20
22
24
26
28
30
32
34
123
4567
89
Figure 377. Observation Receiver Noise Figure vs. Observation Receiver
Attenuator Setting, LO = 5500 MHz, Total Nyquist Integration Bandwidth
36
16
010
OBSERVATION RECEIVER ATTENUATOR SETTING (dB)
+110°C
+25°C
–40°C
18
20
22
24
26
28
30
32
34
123
4567
89
Figure 378. Observation Receiver Noise Figure vs. Observation Receiver
Attenuator Setting, LO = 5800 MHz, Total Nyquist Integration Bandwidth
f1 OFFSET FREQUENCY (MHz)
5925
5926
5725
5726
5745
5746
5765
5766
5785
5786
5805
5806
5825
5826
5845
5846
5865
5866
5885
5886
5905
5906
5705
5706
80
40
70
50
60
75
55
65
45
IIP2 SUM +110°C
IIP2 SUM +25°C
IIP2 SUM –40°C
IIP2 DIFF +110°C
IIP2 DIFF +25°C
IIP2 DIFF –40°C
Figure 379. Observation Receiver IIP2, Sum and Difference Products vs. f1 Offset
Frequency, Tones Separated by 1 MHz Swept Across Pass Band at −19 dBm Each,
LO = 5700 MHz, Attenuation = 0 dB
ATTENUATION (dB)
10
8
46
2
0
85
50
75
55
65
80
60
70
IIP2 SUM +110°C
IIP2 SUM +25°C
IIP2 SUM –40°C
IIP2 DIFF +110°C
IIP2 DIFF +25°C
IIP2 DIFF –40°C
Figure 380. Observation Receiver IIP2, Sum and Difference Products vs.
Attenuation, LO = 5700 MHz, Tone 1 = 5725 MHz, Tone 2 = 5726 MHz at
−19 dBm Plus Attenuation
INTERMODULATION FREQUENCY (MHz)
5702
5942
5702
5742
5702
5762
5702
5782
5702
5802
5702
5822
5702
5842
5702
5862
5702
5882
5702
5902
5702
5922
5702
5722
80
0
60
20
40
70
30
50
10
IIP2 SUM +110°C
IIP2 SUM +25°C
IIP2 SUM –40°C
IIP2 DIFF +110°C
IIP2 DIFF +25°C
IIP2 DIFF –40°C
Figure 381. Observation Receiver IIP2, f1 − f2 vs. Intermodulation Frequency,
LO = 5700 MHz, Tone 1 = 5702 MHz, Tone 2 = Swept, −19 dBm Each,
Attenuation = 0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com