Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSB50825B Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSB50825B
Description  Motion SPM 5 Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50825B Datasheet(HTML) 5 Page - ON Semiconductor

  FSB50825B Datasheet HTML 1Page - ON Semiconductor FSB50825B Datasheet HTML 2Page - ON Semiconductor FSB50825B Datasheet HTML 3Page - ON Semiconductor FSB50825B Datasheet HTML 4Page - ON Semiconductor FSB50825B Datasheet HTML 5Page - ON Semiconductor FSB50825B Datasheet HTML 6Page - ON Semiconductor FSB50825B Datasheet HTML 7Page - ON Semiconductor FSB50825B Datasheet HTML 8Page - ON Semiconductor FSB50825B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
FSB50825B/FSB50825BS
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS (TJ = 25°C, VDD = VBS = 15 V Unless Otherwise Specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
INVERTER PART (Each MOSFET Unless Otherwise Specified)
BVDSS
Drain−Source Breakdown Voltage
VIN= 0 V, ID = 1 mA (Note 5)
250
−
−
V
IDSS
Zero Gate Voltage Drain Current
VIN= 0 V, VDS = 250 V
−
−
1
mA
RDS(on)
Static Drain−Source On−Resistance
VDD = VBS = 15 V, VIN = 5 V, ID = 2 A
−
0.37
0.55
W
VSD
Drain−Source Diode Forward Voltage
VDD = VBS = 15 V, VIN = 0 V, ID = −2 A
−
−
1.1
V
tON
Switching Times
VPN = 150 V, VDD = VBS = 15 V, ID = 2
A ON / OFF RG = 800 W / 200 W
VIN = 0 V ↔ 5 V,
Inductive Load L= 3 mH
High and Low−Side MOSFET Switch-
ing (Note 6)
−
330
−
ns
tOFF
−
530
−
ns
trr
−
100
−
ns
EON
−
40
−
mJ
EOFF
−
15
−
mJ
RBSOA
Reverse−Bias Safe Operating Area
VPN = 200 V, VDD = VBS = 15 V, ID = IDP,
VDS=BVDSS, TJ = 150_C
High− and Low−Side MOSFET
Switching (Note 7)
Full Square
CONTROL PART (Each HVIC Unless Otherwise Specified)
IQDD
Quiescent VDD Current
VDD = 15 V,
VIN =0V
Applied Between
VDD and COM
−
−
200
mA
IQBS
Quiescent VBS Current
VBS = 15 V,
VIN =0V
Applied Between
VB(U)−U, VB(V)−V,
VB(W)−W
−
−
100
mA
IPDD
Operating VDD Supply Current
VDD − COM
VDD = 15 V, fPWM
= 20 kHz, duty
= 50%, Applied
to One PWM
Signal Input for
Low−Side
900
mA
IPBS
Operating VBS Supply Current
VB(U) − VS(U),
VB(V) − VS(V),
VB(W) − VS(W)
VDD = VBS = 15
V, fPWM = 20
kHz,
Duty = 50%, Ap-
plied to One
PWM Signal In-
put for High−Side
800
mA
UVDDD
Low−Side Undervoltage Protection
(Figure 8)
VDD Undervoltage Protection Detec-
tion Level
7.4
8.0
9.4
V
UVDDR
VDD Undervoltage Protection Reset
Level
8.0
8.9
9.8
V
UVBSD
High−Side Undervoltage Protection
(Figure 9)
VBS Undervoltage Protection Detection
Level
7.4
8.0
9.4
V
UVBSR
VBS Undervoltage Protection Reset
Level
8.0
8.9
9.8
V
VTS
HVIC Temperature sensing voltage
output
VDD=15 V, THVIC=25_C (Note 8)
600
790
980
mV
VIH
ON Threshold Voltage
Logic High Level
Applied between
IN and COM
−
−
2.9
V
VIL
OFF Threshold Voltage
Logic Low Level
0.8
−
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com