Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSB50825B Datasheet(PDF) 9 Page - ON Semiconductor

Part # FSB50825B
Description  Motion SPM 5 Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50825B Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FSB50825B Datasheet HTML 5Page - ON Semiconductor FSB50825B Datasheet HTML 6Page - ON Semiconductor FSB50825B Datasheet HTML 7Page - ON Semiconductor FSB50825B Datasheet HTML 8Page - ON Semiconductor FSB50825B Datasheet HTML 9Page - ON Semiconductor FSB50825B Datasheet HTML 10Page - ON Semiconductor FSB50825B Datasheet HTML 11Page - ON Semiconductor FSB50825B Datasheet HTML 12Page - ON Semiconductor FSB50825B Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
FSB50825B/FSB50825BS
www.onsemi.com
9
20
40
60
80
100
120
140
160
0.5
1.0
1.5
2.0
2.5
3.0
3.5
THVIC [
oC]
Figure 5. Temperature Profile of VTS (Typical)
t
ON
t
rr
I
rr
100% of I
D
120% of I
(a) Turn-on
D
t
(b) Turn−off
OFF
I
D
V
DS
V
DS
I
D
V
IN
V
IN
10% of I
D
Figure 6. Switching Time Definitions
COM
VDD
LIN
HIN
VB
HO
VS
LO
I
D
V
C
DD
BS
LV
DC
+
V
DS
−
VTS
One Leg Diagram of Motion SPM ® 5 Product
Figure 7. Switching and RBSOA (Single−Pulse) Test Circuit (Low−side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com