Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H723VG Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 63Page - STMicroelectronics STM32H723VG Datasheet HTML 64Page - STMicroelectronics STM32H723VG Datasheet HTML 65Page - STMicroelectronics STM32H723VG Datasheet HTML 66Page - STMicroelectronics STM32H723VG Datasheet HTML 67Page - STMicroelectronics STM32H723VG Datasheet HTML 68Page - STMicroelectronics STM32H723VG Datasheet HTML 69Page - STMicroelectronics STM32H723VG Datasheet HTML 70Page - STMicroelectronics STM32H723VG Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 227 page
background image
DS13313 Rev 2
67/227
STM32H723xE/G
Pinouts, pin descriptions and alternate functions
85
A10
72
105 A12
PA13(JTMS/SWDIO)
I/O
FT
-
JTMS/SWDIO, EVENTOUT
-
E7
73
106
G9
VCAP
S
-
-
-
-
-
74
107
-
VSS
S
-
-
-
-
-
75
108
-
VDD
S
-
-
-
-
A9
76
109
A11
PA14(JTCK/SWCLK)
I/O
FT
-
JTCK/SWCLK, EVENTOUT
-
A8
77
110
A10
PA15(JTDI)
I/O
FT
-
JTDI, TIM2_CH1/TIM2_ETR, CEC,
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
SPI6_NSS/I2S6_WS,
UART4_RTS/UART4_DE, LCD_R3,
UART7_TX, LCD_B6, EVENTOUT
-
B9
78
111
B11
PC10
I/O
FT_fh
-
DFSDM1_CKIN5, I2C5_SDA,
SPI3_SCK(boot)/I2S3_CK,
USART3_TX, UART4_TX,
OCTOSPIM_P1_IO1, LCD_B1,
SWPMI_RX, SDMMC1_D2,
DCMI_D8/PSSI_D8, LCD_R2,
EVENTOUT
-
B8
79
112
B10
PC11
I/O
FT_fh
-
DFSDM1_DATIN5, I2C5_SCL,
SPI3_MISO(boot)/I2S3_SDI,
USART3_RX, UART4_RX,
OCTOSPIM_P1_NCS, SDMMC1_D3,
DCMI_D4/PSSI_D4, LCD_B4,
EVENTOUT
-
C8
80
113 C10
PC12
I/O
FT_h
-
TRACED3, FMC_D6/FMC_AD6,
TIM15_CH1, I2C5_SMBA,
SPI6_SCK/I2S6_CK,
SPI3_MOSI(boot)/I2S3_SDO,
USART3_CK, UART5_TX,
SDMMC1_CK, DCMI_D9/PSSI_D9,
LCD_R6, EVENTOUT
-
D8
81
114
E10
PD0
I/O
FT_h
-
DFSDM1_CKIN6, UART4_RX,
FDCAN1_RX(boot), UART9_CTS,
FMC_D2/FMC_AD2, LCD_B1,
EVENTOUT
-
E8
82
115 D10
PD1
I/O
FT_h
-
DFSDM1_DATIN6, UART4_TX,
FDCAN1_TX(boot),
FMC_D3/FMC_AD3, EVENTOUT
-
Table 7. STM32H723 pin and ball descriptions (continued)
Pin number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com