Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H723VG Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 66Page - STMicroelectronics STM32H723VG Datasheet HTML 67Page - STMicroelectronics STM32H723VG Datasheet HTML 68Page - STMicroelectronics STM32H723VG Datasheet HTML 69Page - STMicroelectronics STM32H723VG Datasheet HTML 70Page - STMicroelectronics STM32H723VG Datasheet HTML 71Page - STMicroelectronics STM32H723VG Datasheet HTML 72Page - STMicroelectronics STM32H723VG Datasheet HTML 73Page - STMicroelectronics STM32H723VG Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 227 page
background image
Pinouts, pin descriptions and alternate functions
STM32H723xE/G
70/227
DS13313 Rev 2
A6
90
134
A6
PB4(NJTRST)
I/O
FT_h
-
NJTRST, TIM16_BKIN, TIM3_CH1,
SPI1_MISO/I2S1_SDI,
SPI3_MISO/I2S3_SDI,
SPI2_NSS/I2S2_WS,
SPI6_MISO/I2S6_SDI, SDMMC2_D3,
UART7_TX, EVENTOUT
-
C5
91
135
B6
PB5
I/O
FT_h
-
TIM17_BKIN, TIM3_CH2, LCD_B5,
I2C1_SMBA, SPI1_MOSI/I2S1_SDO,
I2C4_SMBA, SPI3_MOSI/I2S3_SDO,
SPI6_MOSI/I2S6_SDO, FDCAN2_RX,
OTG_HS_ULPI_D7, ETH_PPS_OUT,
FMC_SDCKE1, DCMI_D10/PSSI_D10,
UART5_RX, EVENTOUT
-
B5
92
136
C6
PB6
I/O
FT_fh
-
TIM16_CH1N, TIM4_CH1,
I2C1_SCL(boot), CEC, I2C4_SCL,
USART1_TX, LPUART1_TX,
FDCAN2_TX, OCTOSPIM_P1_NCS,
DFSDM1_DATIN5, FMC_SDNE1,
DCMI_D5/PSSI_D5, UART5_TX,
EVENTOUT
-
A5
93
137
D6
PB7
I/O
FT_fa
-
TIM17_CH1N, TIM4_CH2, I2C1_SDA,
I2C4_SDA, USART1_RX,
LPUART1_RX, DFSDM1_CKIN5,
FMC_NL, DCMI_VSYNC/PSSI_RDY,
EVENTOUT
PVD_IN
D5
94
138
D5
BOOT0
I
B
-
-
VPP
B4
95
139
C5
PB8
I/O
FT_fh
-
TIM16_CH1, TIM4_CH3,
DFSDM1_CKIN7, I2C1_SCL,
I2C4_SCL, SDMMC1_CKIN,
UART4_RX, FDCAN1_RX,
SDMMC2_D4, ETH_MII_TXD3,
SDMMC1_D4, DCMI_D6/PSSI_D6,
LCD_B6, EVENTOUT
-
A4
96
140
B5
PB9
I/O
FT_fh
-
TIM17_CH1, TIM4_CH4,
DFSDM1_DATIN7, I2C1_SDA(boot),
SPI2_NSS/I2S2_WS, I2C4_SDA,
SDMMC1_CDIR, UART4_TX,
FDCAN1_TX, SDMMC2_D5,
I2C4_SMBA, SDMMC1_D5,
DCMI_D7/PSSI_D7, LCD_B7,
EVENTOUT
-
Table 7. STM32H723 pin and ball descriptions (continued)
Pin number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com