Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H723VG Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 15Page - STMicroelectronics STM32H723VG Datasheet HTML 16Page - STMicroelectronics STM32H723VG Datasheet HTML 17Page - STMicroelectronics STM32H723VG Datasheet HTML 18Page - STMicroelectronics STM32H723VG Datasheet HTML 19Page - STMicroelectronics STM32H723VG Datasheet HTML 20Page - STMicroelectronics STM32H723VG Datasheet HTML 21Page - STMicroelectronics STM32H723VG Datasheet HTML 22Page - STMicroelectronics STM32H723VG Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 227 page
background image
DS13313 Rev 2
19/227
STM32H723xE/G
Description
52
Maximum CPU frequency
550 MHz
USB separate supply pad
yes
-
yes
yes
USB internal regulator
-
-
-
-
LDO
yes
SMPS step-down converter
-
-
-
-
Operating voltage
1.62 to
3.6 V
1.71 to
3.6 V
1.62 to 3.6 V
Operating
temperatures
Ambient temperature
-40°C to +85°C
Junction temperature
-40°C to +125°C
Package
TFBGA100
LQFP100
LQFP144
UFBGA144
1. STM32H723xGy products have 1024 Kbytes of Flash memory, whereas STM32H723xEy products have 512 Kbytes
2. The two Octo-SPI/Quad-SPI interfaces are available only in Muxed mode.
3. For limitations on peripheral features depending on packages, check the available pins/balls in Table 7: STM32H723 pin
and ball descriptions.
Table 1. STM32H723xE/G features and peripheral counts (continued)
Peripherals
STM32H723
VGH/VEH
STM32H723
VGT/VET
STM32H723
ZGT/ZET
STM32H723
ZGI/ZEI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com