Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB308B Datasheet(PDF) 5 Page - ON Semiconductor

Part # FUSB308B
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308B Datasheet(HTML) 5 Page - ON Semiconductor

  FUSB308B Datasheet HTML 1Page - ON Semiconductor FUSB308B Datasheet HTML 2Page - ON Semiconductor FUSB308B Datasheet HTML 3Page - ON Semiconductor FUSB308B Datasheet HTML 4Page - ON Semiconductor FUSB308B Datasheet HTML 5Page - ON Semiconductor FUSB308B Datasheet HTML 6Page - ON Semiconductor FUSB308B Datasheet HTML 7Page - ON Semiconductor FUSB308B Datasheet HTML 8Page - ON Semiconductor FUSB308B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
FUSB308B
www.onsemi.com
5
Pin Descriptions
Table 2. PIN DESCRIPTION
Name
Type
Description
USB TYPE−C CONNECTOR INTERFACE
CC1
I/O
Type−C connector Configuration Channel (CC) pins. Initially used to determine
when an attach has occurred and what the orientation of the insertion is. Function-
ality after attach depends on mode of operation detected.
Operating as a host:
− Sets the allowable charging current for VBUS to be sensed by the attached
device
− Used to communicate with devices using USB BMC Power Delivery
− Used to detect when a detach has occurred
Operating as a device:
− Indicates what the allowable sink current is from the attached host
− Used to communicate with devices using USB BMC Power Delivery
CC2
I/O
GND
Ground
Ground
VBUS
Power
VBUS supply pin for attach and detach detection when operating as an upstream
facing port (Device)
POWER INTERFACE
VDD
Power
Input supply voltage
GPIO2
3−State CMOS I/O
General Purpose I/O
VCONN
Power Switch
Regulated input to be switched to correct CC pin as VCONN to power USB3.1
fully featured cables, powered accessories or dongles bridging Type C to other
video or audio connectors
SIGNAL INTERFACE
SCL1/SDA2 (Note 1)
Open−Drain I/O
I2C serial clock/data signal to be connected to the I2C master
SDA1/SCL2 (Note 1)
Open−Drain I/O
I2C serial clock/data signal to be connected to the I2C master
INT_N
Open−Drain Output
Active LOW open drain interrupt output used to prompt the processor to read the
I2C register bits
ORIENT/I2C_
ADDR (Note 1)
3−State CMOS Output
Selects I2C Address on Power up and then becomes a General Purpose CMOS
Output
MUX_SEL0
3−State CMOS Output
MUX Selection Output 0
MUX_SEL1
3−State CMOS I/O
MUX Selection Output 1
GPIO1
3−State CMOS I/O
General Purpose I/O
VBUS SOURCE INTERFACE
SRC_HV
CMOS Output
Controls High Voltage Source Path Load Switch (Active High)
SRC
CMOS Output
Controls external VBUS Source Load Switch on/off. (Active High)
1. A different I2C address is used depending on which SDA and SCL are used and the state of ORIENT/I2C_ADDR at power up.
Power Up, Initialization and Reset
When power is first applied to VDD or VBUS, the
FUSB308B goes through its POR sequence to load up all the
default values in the register map, read all the fuses so that
the trimmed values are available when VDD or VBUS is in
its valid range. A software reset can be executed by writing
SW_RES to 1 in RESET Register.
This executes a full reset of the FUSB308B similar to POR
where all the I2C registers go to their default state.
When powered down, the FUSB308B will present an
Open on both CC lines.
The FUSB308B will present Rp, ROLECTRL= 0x05
when VDD is present
Programmable GPIOx
The FUSB308B has two programmable GPIOs. These
can be programmed to be Inputs, CMOS Outputs or Open
Drain Outputs. To configure them, the TCPM writes to
GPIO1_CFG and GPIO2_CFG. If the GPIO is configured as
an input, its logic value can be read in GPIO_STAT and
ALERT_VD registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com