Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB308B Datasheet(PDF) 6 Page - ON Semiconductor

Part # FUSB308B
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308B Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FUSB308B Datasheet HTML 2Page - ON Semiconductor FUSB308B Datasheet HTML 3Page - ON Semiconductor FUSB308B Datasheet HTML 4Page - ON Semiconductor FUSB308B Datasheet HTML 5Page - ON Semiconductor FUSB308B Datasheet HTML 6Page - ON Semiconductor FUSB308B Datasheet HTML 7Page - ON Semiconductor FUSB308B Datasheet HTML 8Page - ON Semiconductor FUSB308B Datasheet HTML 9Page - ON Semiconductor FUSB308B Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
FUSB308B
www.onsemi.com
6
Standard Outputs
The FUSB308B implements the Orientation and DP Mux
Selection Standard Outputs as indicated in STD_OUT_CAP
register.
To configure the Orientation, and Mux selection, the
TCPM writes to STD_OUT_CFG.
I2C Interface
The FUSB308B includes a full I2C slave controller. The
I2C slave fully complies with the I2C specification version
6 requirements. This block is designed for fast mode plus
signals.
Examples of an I2C write and read sequence are shown in
Figure 4 and Figure 5 respectively.
S
WR A
AA
A
A
A P
8bits
8bits
8bits
Write Data K+2
Slave Address
Register Address K
Write Data
Write Data K+1
Write Data K+N−1
S
WR A
A S
RD A
A
A
NA P
Register address to Read specified
8bits
NOTE: If Register is not specified Master will begin read from current register. In this case only sequence showing in Red
bracket is needed.
Single or multi byte read executed from current register location
(Single Byte read is initiated by Master with NA immediately following first data byte)
Read Data K+1
Read Data K+N−1
8bits
8bits
8bits
Slave Address
Register Address K
Read Data K
Slave Address
From Master to Slave
S Start Condition
NA NOT Acknowledge (SDA High)
RD
Read =1
From Slave to Master
A Acknowledge (SDA Low)
WR Write = 0
P
Stop Condition
Figure 4. I2C Write Example
Figure 5. I2C Read Example
I2C Address Selection
I2C Slave addresses can be changed by configuring the
I2C_ADDR_GPO input on power up with a pull−up or
pull−down resistor and routing the SCL and SDA lines
according to Table 3.
Interrupt Operation
The INT_N pin is an active low, open drain output which
indicates to the host processor that an interrupt has occurred
in the FUSB308B which needs attention. The INT_N pin is
asserted after power−up or device reset RESET.SW_RES
set to 1b (due to ALERTL.I_PORT_PWR and
PWRSTAT.TCPC_INIT).
When an interruptible event occurs, INT_N is driven low
and is high−Z again when the processor clears the interrupt
by writing a 1 to the corresponding interrupt bit position.
Writing a 0 to an interrupt bit has no effect.
A processor firmware has additional control of INT_N
through individual event mask bits which can be set or
cleared to enable or disable INT_N from being driven low
when each event occurs.
Table 3. I2C ADDRESSES
I2C_ADDR
SCLx/SDAx
Slave Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
SCL1/SDA1
1
0
1
0
0
0
0
R/W
1
SCL1/SDA1
1
0
1
0
0
0
1
R/W
0
SCL2/SDA2
1
0
1
0
0
1
0
R/W
1
SCL2/SDA2
1
0
1
0
0
1
1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com