Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB308B Datasheet(PDF) 22 Page - ON Semiconductor

Part # FUSB308B
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308B Datasheet(HTML) 22 Page - ON Semiconductor

Back Button FUSB308B Datasheet HTML 18Page - ON Semiconductor FUSB308B Datasheet HTML 19Page - ON Semiconductor FUSB308B Datasheet HTML 20Page - ON Semiconductor FUSB308B Datasheet HTML 21Page - ON Semiconductor FUSB308B Datasheet HTML 22Page - ON Semiconductor FUSB308B Datasheet HTML 23Page - ON Semiconductor FUSB308B Datasheet HTML 24Page - ON Semiconductor FUSB308B Datasheet HTML 25Page - ON Semiconductor FUSB308B Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
FUSB308B
www.onsemi.com
22
SOURCE AND SINK CONTROL SPECIFICATIONS
Symbol
Parameter
TA = −40 to +855C
TA = −40 to +1055C
(Note 15)
TJ = −40 to +1255C
Min
Typ
Max
Unit
RBLEED
Equivalent Resistance for bleed
discharging VBUS
VBUS = 4.0 V to 21.5 V
4
7
kΩ
vSrcSlewNeg
Maximum slew rate allowed
when discharging VBUS
VBUS = 4.0 V to 21.5 V
30
mV/μs
tSafe0V
Time to reach vSafe0V max
650
ms
tSafe5V
Time to reach vSafe5V max
275
ms
tSrcSettle
Time to discharge to vSrcNew
275
ms
tAUTO_DISCH_FAIL
Time to declare auto discharge
failure to discharge to vSafe0V
Device configured as Source.
Measure from CCSTAT change to Open
650
ms
tAUTO_DISCH_FAIL_5V Time to declare auto discharge
failure to discharge to vSafe5v
Device configured as Source.
Measure from CCSTAT change to Open
275
ms
OVER-TEMPERATURE SPECIFICATIONS
Symbol
Parameter
Min
Typ
Max
Unit
TSHUT
Temp. for VCONN Switch Turn Off
145
°C
THYS
Temp. Hysteresis for VCONN Switch Turn On
10
°C
WATCHDOG TIMER SPECIFICATIONS
Symbol
Parameter
Min
Typ
Max
Unit
THVWatchdog
Time from last I2C transaction or INTB pin as-
sertion to entering ErrorRecovery
1500
2000
ms
IO SPECIFICATIONS
Symbol
Parameter
VDD (V)
Conditions
TA = −40 to +855C
TA = −40 to +1055C (Note 15)
TJ= −40 to +1255C
Unit
Min
Typ
Max
HOST INTERFACE PINS(INT_N, DBG_N)
VOLINTN
Output Low Voltage
3.0 to 5.5
IOL = 4 mA
0.4
V
GPIOS, ORIENT AND MUX_SEL PINS
VIL
Low−Level Input Voltage
3.0 to 5.5
0.4
V
VIH
High−Level Input
Voltage
3.0 to 5.5
1.2
V
VOL
Low−Level Output
Voltage
3.0 to 5.5
IOL = 4 mA
0.4
V
VOH
High−Level Output
Voltage
3.0 to 5.5
IOH = −2 mA
0.7VDD
V
IIN
Input Leakage
3.0 to 5.5
Input Voltage 0 V to 5.5 V
(When GPIO is setup as an
input or Tri−Stated output)
−5
5
μA
IOFF
Off Input Leakage
0
Input Voltage 0 V to 5.5 V
−5
5
μA
SRC, SNK AND SRC_HV
VOL
Low−Level Output
Voltage
3.0 to 5.5
IOL = 4 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com