Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB308BVMPX Datasheet(PDF) 45 Page - ON Semiconductor

Part # FUSB308BVMPX
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308BVMPX Datasheet(HTML) 45 Page - ON Semiconductor

Back Button FUSB308BVMPX Datasheet HTML 41Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 42Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 43Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 44Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 45Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 46Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 47Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 48Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 49Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
FUSB308B
www.onsemi.com
45
Table 49. VBUS_VOLTAGE_L
Address: 70h
Reset Value: 0x00
Type: Read
Bit #
Name
R/W/C
Size (Bits)
VBUS Voltage Low Description
Byte 27:0
TX_Data27..0
RW
8
TX Payload
Table 50. VBUS_VOLTAGE_H
Address: 71h
Reset Value: 0x00
Type: Read
Bit #
Name
R/W/C
Size (Bits)
VBUS Voltage High Description (Note 35)
7:4
Reserved
R
4
Reserved: 0000b
3:2
VBUS_SCALE
R
2
00b: VBUS Measurement not scaled
01b: VBUS Measurement divided by 2
10b: VBUS Measurement divided by 4
11b: Reserved
1
VBUS_V_BIT9
R
1
Bit 9 of VBUS Measurement
0
VBUS_V_BIT8
R
1
Bit 8 of VBUS Measurement
35.VBUS_V_BIT[9:0] is the measured VBUS voltage divided by VBUS_SCALE factor.
Table 51. VBUS_SNK_DISCL
Address: 72h
Reset Value: 0xA0 (< vSafe5V: 4.0 V)
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
VBUS SINK Disconnect Threshold Low (Note 36)
7:0
VBUS_SNK_DISC
R/W
8
Bits 7:0 of Sink Disconnect threshold
36.Accuracy is set for 50 mV LSB and Bit 0 is ignored.
Table 52. VBUS_SNK_DISCH
Address: 73h
Reset Value: 0x00
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
VBUS SINK Disconnect Threshold High
7:2
Reserved
R
6
Reserved: 000000b
1:0
VBUS_SNK_DISC
R/W
2
Bits 9:8 of Sink Disconnect threshold
Table 53. VBUS_STOP_DISCL
Address: 74h
Reset Value: 0x1C (< vSafe0V: 700 mV)
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
VBUS Stop Discharge Threshold Low (Note 37)
7:0
VBUS_VTH_LO
R/W
8
Bits 7:0 of Stop Discharge threshold
37.Accuracy is set for 50 mV LSB and Bit 0 is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com