Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB308BVMPX Datasheet(PDF) 24 Page - ON Semiconductor

Part # FUSB308BVMPX
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308BVMPX Datasheet(HTML) 24 Page - ON Semiconductor

Back Button FUSB308BVMPX Datasheet HTML 20Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 21Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 22Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 23Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 24Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 25Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 26Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 27Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
FUSB308B
www.onsemi.com
24
Figure 16. Definition of Timing for Full−Speed Mode Devices on the I2C Bus
SDA
SCL
SDA
SCL
70%
30%
70%
30%
70%
30%
70%
30%
70%
30%
70%
30%
70%
30%
P
S
002aac938
1 / fSCL
S
Sr
tf
tr
tSU;DAT
tVD;DAT
tHD;DAT
tf
tHD;STA
tLOW
tr
tHIGH
tHD;STA
tSU;STA
tSP
tVD;ACK
tHD;STO
tBUF
1st clock cycle
9th clock
9th clock
VIL = 0.3VDD
VIH = 0.7VDD
Cont.
Cont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com