Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB308BVMPX Datasheet(PDF) 48 Page - ON Semiconductor

Part # FUSB308BVMPX
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308BVMPX Datasheet(HTML) 48 Page - ON Semiconductor

Back Button FUSB308BVMPX Datasheet HTML 44Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 45Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 46Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 47Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 48Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 49Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 50Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 51Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 52Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
FUSB308B
www.onsemi.com
48
Table 62. GPIO2_CFG (continued)
Address: A5h
Reset Value: 0x00
Type: Read/Write
Bit #
General Purpose I/O 2 Configuration
Size (Bits)
R/W/C
Name
2
GPO2_VAL
R/W
1
Generic GPIO Function
If GPO2_EN=1 & FR_SWAP_FN = 0
0b: Set output = 0
1b: Set output = 1
1
GPI2_EN
R/W
1
Generic GPIO Function
If FR_SWAP_FN = 0
0b: Input buffer disabled
1b: Input Buffer enabled
(Input state can be read in GPIO_STAT Register)
0
GPO2_EN
R/W
1
0b: GPO is High−Z
1b: GPO is enabled
Table 63. GPIO_STAT
Address: A6h
Reset Value: 0x00
Type: Read
Bit #
Name
R/W/C
Size (Bits)
General Purpose I/O Input Status
7:2
Reserved
R
6
Reserved: 000000b
1
GPI2_VAL
R
1
If GPI2_EN
0b: GPIO2 Input is Low
1b: GPIO2 Input is High
0
GPI1_VAL
R
1
If GPI2_EN
0b: GPIO1 Input is Low
1b: GPIO1 Input is High
Table 64. DRPTOGGLE
Address: A7h
Reset Value: 0x00
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
DRP Toggle Timing
7:3
Reserved
R
6
Reserved:00000b
1:0
DRPTOGGLE
R/W
2
00b: tToggleSrc = 15 ms to 30 ms; tToggleSnk = 35 ms to 70 ms
01b: tToggleSrc = 20 ms to 40 ms; tToggleSnk = 30 ms to 60 ms
10b: tToggleSrc = 25 ms to 50 ms; tToggleSnk = 25 ms to 50 ms
11b: tToggleSrc = 30 ms to 60 ms; tToggleSnk = 20 ms to 40 ms
Table 65. SRC_FRSWAP
Address: B1h
Reset Value: 0x00
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Source Fast Role Swap
7:0
Reserved
R
4
Reserved: 0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com