Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28F410 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M28F410
Description  4 Megabit (x8 or x16, Block Erase) FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F410 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M28F410 Datasheet HTML 6Page - STMicroelectronics M28F410 Datasheet HTML 7Page - STMicroelectronics M28F410 Datasheet HTML 8Page - STMicroelectronics M28F410 Datasheet HTML 9Page - STMicroelectronics M28F410 Datasheet HTML 10Page - STMicroelectronics M28F410 Datasheet HTML 11Page - STMicroelectronics M28F410 Datasheet HTML 12Page - STMicroelectronics M28F410 Datasheet HTML 13Page - STMicroelectronics M28F410 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Symbol
Alt
Parameter
M28F410 / 20
Unit
-70
-80
-100
-120
VCC =5V
± 5% VCC =5V ± 10% VCC =5V ± 10% VCC =5V ± 10%
SRAM
Interface
EPROM
Interface
EPROM
Interface
EPROM
Interface
Min
Max
Min
Max
Min
Max
Min
Max
tAVAV
tRC
Address Valid to
Next Address Valid
70
80
100
120
ns
tAVQV
tACC
Address Valid to
Output Valid
70
80
100
120
ns
tPHQV
tPWH
Power Down High
to Output Valid
300
300
300
300
ns
tELQX
(2)
tLZ
Chip Enable Low to
Output Transition
000
0
ns
tELQV
(3)
tCE
Chip Enable Low to
Output Valid
70
80
100
120
ns
tGLQX
(2 )
tOLZ
Output Enable Low
to Output Transition
000
0
ns
tGLQV
(3 )
tOE
Output Enable Low
to Output Valid
35
40
45
50
ns
tEHQX
(2)
tOH
Chip Enable High
to Output Transition
000
0
ns
tEHQZ
(2 )
tHZ
Chip Enable High
to Output Hi-Z
25
30
35
35
ns
tGHQX
(2)
tOH
Output Enable High
to Output Transition
000
0
ns
tGHQZ
(2)
tDF
Output Enable High
to Output Hi-Z
25
30
35
35
ns
tAXQX
(2 )
tOH
Address Transition
to Output Transition
000
0
ns
Notes: 1. See Figure 3 and Table 8 for timing measurements.
2. Sampled only, not 100% tested.
3. G may be delayed by up to tELQV -tGLQV after the falling edge of E without increasing tELQV.
Table 13. Read AC Characteristics (1)
(TA = 0 to 70
°C or –40 to 85°C; VPP = 12V ± 5%)
10/38
M28F410, M28F420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com