Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28F410 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M28F410
Description  4 Megabit (x8 or x16, Block Erase) FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F410 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M28F410 Datasheet HTML 16Page - STMicroelectronics M28F410 Datasheet HTML 17Page - STMicroelectronics M28F410 Datasheet HTML 18Page - STMicroelectronics M28F410 Datasheet HTML 19Page - STMicroelectronics M28F410 Datasheet HTML 20Page - STMicroelectronics M28F410 Datasheet HTML 21Page - STMicroelectronics M28F410 Datasheet HTML 22Page - STMicroelectronics M28F410 Datasheet HTML 23Page - STMicroelectronics M28F410 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Symbol
Alt
Parameter
M28F410 / 20
Unit
-70
-80
VCC =5V
± 5%
VCC =5V
± 10%
SRAM
Interface
EPROM
Interface
Min
Max
Min
Max
tAVAV
tWC
Write Cycle Time
70
80
ns
tPHEL
tPS
Power Down High to Chip Enable Low
210
210
ns
tWLEL
tCS
Write Enable Low to Chip Enable Low
0
0
ns
tELEH
tWP
Chip Enable Low to Chip Enable High
50
50
ns
tDVEH
tDS
Data Valid to Chip Enable High
50
50
ns
tEHDX
tDH
Chip Enable High to Data Transition
0
0
ns
tEHWH
tCH
Chip Enable High to Write Enable High
10
10
ns
tEHEL
tWPH
Chip Enable High to Chip
Enable Low
20
30
ns
tAVEH
tAS
Address Valid to Chip Enable High
50
50
ns
tPHHEH
(5)
tPHS
Power Down VHH (Boot Block Unlock) to Chip
Enable High
100
100
ns
tVPHEH
(5 )
tVPS
VPP High to Chip Enable High
100
100
ns
tEHAX
tAH
Chip Enable High to Address Transition
10
10
ns
tEHQV1
(2, 3)
Chip Enable High to Output Valid (Word/Byte
Program)
66
μs
tEHQV2
(2, 3)
Chip Enable High to Output Valid (Boot Block
Erase)
0.3
0.3
sec
tEHQV3
(2)
Chip Enable High to Output Valid (Parameter
Block Erase)
0.3
0.3
sec
tEHQV4
(2)
Chip Enable High to Output Valid (Main Block
Erase)
0.6
0.6
sec
tQVPH
(5)
tPHH
Output Valid to Reset/Power Down High
0
0
ns
tQVVPL
(5)
Output Valid to VPP Low
0
0
ns
tPHBR
(4, 5)
Reset/Power Down High to Boot Block Relock
100
100
ns
Notes: 1. See Figure 3 and Table 8 for timing measurements.
2. Time is measured to Status Register Read giving bit b7 = ’1’.
3. For Program or Erase of the Boot Block RP must be at VHH.
4. Time required for Relocking the Boot Block.
5. Sampled only, not 100% tested.
Table 19A. Write AC Characteristics, Chip Enable Controlled (1)
(TA = 0 to 70
°C or –40 to 85°C; VPP = 12V ± 5%)
20/38
M28F410, M28F420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com